| Electronic Components Datasheet Search |
|
MCT8317A Datasheet(PDF) 27 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MCT8317A Datasheet(HTML) 27 Page - Texas Instruments |
|
27 / 161 page ![]() DUTY_ON1 DUTY_CMD (%) REFERENCE (SPEED/POWER) REF_CLAMP1 DUTY_OFF1 DUTY_CLAMP1 DUTY_OFF2 DUTY_ON2 DUTY_A DUTY_CLAMP2 DUTY_B DUTY_C DUTY_D DUTY_E REF_CLAMP2 REF_OFF1 REF_OFF2 REF_A REF_B REF_C REF_D REF_E Figure 8-14. Linear Reference Profile Linear reference profile can be configured by setting REF_PROFILE_CONFIG to 01b. Linear reference profile features speed/power references which change linearly between REF_CLAMP1 and REF_CLAMP2 with different slopes which can be set by configuring DUTY_x and REF_x combination. • DUTY_ON1 configures the duty command above which MCT8317A starts driving the motor (to speed/power reference set by REF_CLAMP1) when the current speed/power reference is zero. When current speed/power reference is zero and duty command is below DUTY_ON1, MCT8317A continues to be in off state and motor is stationary. • DUTY_OFF1 configures the duty command below which the speed/power reference changes to REF_OFF1. • DUTY_CLAMP1 configures the duty command till which speed/power reference will be constant. REF_CLAMP1 configures this constant speed/power reference between DUTY_OFF1 and DUTY_CLAMP1. • DUTY_A configures the duty command for speed/power reference REF_A. The speed/power reference changes linearly between DUTY_CLAMP1 and DUTY_A. • DUTY_B configures the duty command for speed/power reference REF_B. The speed/power reference changes linearly between DUTY_A and DUTY_B. • DUTY_C configures the duty command for speed/power reference REF_C. The speed/power reference changes linearly between DUTY_B and DUTY_C. • DUTY_D configures the duty command for speed/power reference REF_D. The speed/power reference changes linearly between DUTY_C and DUTY_D. • DUTY_E configures the duty command for speed/power reference REF_E. The speed/power reference changes linearly between DUTY_D and DUTY_E. • DUTY_CLAMP2 configures the duty command above which the speed/power reference will be constant at REF_CLAMP2. REF_CLAMP2 configures this constant speed/power reference between DUTY_CLAMP2 and DUTY_OFF2 . The speed/power reference changes linearly between DUTY_E and DUTY_CLAMP2. • DUTY_ON2 configures the duty command below which MCT8317A starts driving the motor (to speed/power reference set by REF_CLAMP2) when the current speed/power reference is zero. When current speed/power www.ti.com MCT8317A SLLSFQ2 – JANUARY 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 27 Product Folder Links: MCT8317A |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |