Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 161 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 161 Page - STMicroelectronics

Back Button UPSD3422_V01 Datasheet HTML 157Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 158Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 159Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 160Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 161Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 162Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 163Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 164Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD3422, UPSD3433, UPSD3434, UPSD3454
USB interface
161/300
25.4.1
USB device address register
Initially when a device is connected to the USB, it responds to the host on address 0. Using
the Set_Address request, the host assigns a unique address to the device. The firmware
writes this address to the USB Device Address register (see Table 100), and subsequently
the SIE only responds to transactions on that assigned address. This assigned address is in
effect until the device or an upstream hub is disconnected from the USB, the host issues a
USB Reset, or the host shuts down. The address register is cleared with a Hardware
RESET. When a USB RESET is detected, the address register should be cleared.
E8
UIF0
GLF
INF
OUTF
NAKF
RSTF
SUSPNDF
EOPF
RESUMF
00
USB Global
Interrupt Flag
E9
UIF1
–
–
–
IN4F
IN3F
IN2F
IN1F
IN0F
00
USB IN FIFO
Interrupt Flag
EA
UIF2
–
–
–
OUT4F
OUT3F
OUT2F
OUT1F
OUT0F
00
USB OUT
FIFO Interrupt
Flag
EB
UIF3
–
–
–
NAK4F
NAK3F
NAK2F
NAK1F
NAK0F
00
USB IN FIFO
NAK Int. Flag
EC
UCTL
–
–
–
–
–
USBEN
VISIBLE
WAKEUP
00
USB Control
ED
USTA
–
–
–
–
RCVT
SETUP
IN
OUT
00
USB Status
EE
RESERVED
EF
USEL
DIR
–
–
–
–
EP[2:0]
00
USB Endpoint
Select
F1
UCON
–
–
–
–
ENABLE
STALL
TOGGL
E
BSY
08
USB Endpoint
Control
F2
USIZE
–
SIZE[6:0]
00
USB FIFO
Valid Size
F3
UBASEH
BASEADDR[15:8]
00
USB Base
Address High
F4
UBASEL
BASEADDR
[7:6]
00
0
0
0
0
00
USB Base
Address Low
F5
USCI
–
–
–
–
–
USCI[2:0]
00
USB Setup
Command
Index
F6
USCV
USCV[7:0]
00
USB Setup
Command
Value
1.
Bits marked with a “–“ are Reserved.
Table 99.
UPSD34xx USB SFR register map(1) (continued)
SFR
addr
(hex)
SFR
name
Bit name and <bit address>
Reset
value
(hex)
Comment
76
5
4
3
2
1
0
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com