Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 164 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 164 Page - STMicroelectronics

Back Button UPSD3422_V01 Datasheet HTML 160Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 161Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 162Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 163Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 164Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 165Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 166Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 167Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 168Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
USB interface
UPSD3422, UPSD3433, UPSD3434, UPSD3454
164/300
●
USB IN FIFO interrupt enable register (UIE1)
When an endpoint’s IN FIFO has been successfully sent to the host with an IN
transaction, the FIFO becomes empty. The UIE1 register is used to enable each
endpoint’s IN FIFO interrupt (Table 106).
●
USB OUT FIFO interrupt enable register (UIE1)
When an endpoint’s OUT FIFO has been filled by an OUT transaction from the host,
the FIFO becomes full. The UIE2 register is used to enable each endpoint’s OUT FIFO
interrupt (Table 108).
Table 105.
UIE0 register bit definition
Bit
Symbol
R/W
Definition
7
–
–
Reserved
6
–
–
Reserved
5
–
–
Reserved
4
–
–
Reserved
3
RSTIE
R/W
Enable the USB Reset interrupt
2
SUSPEND
IE
R/W
Enable the USB Suspend interrupt
1
EOPIE
R/W
Enable the USB EOP interrupt
0
RESUMIE
R/W
Enable the USB Resume interrupt
Table 106.
USB IN FIFO interrupt enable register (UIE1 0E5h, reset value 00h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
–
–
–
IN4IE
IN3IE
IN2IE
IN1IE
IN0IE
Table 107.
UIE1 register bit definition
Bit
Symbol
R/W
Definition
7
–
–
Reserved
6
–
–
Reserved
5
–
–
Reserved
4
IN4IE
R/W
Enable Endpoint 4 IN FIFO interrupt
3
IN3IE
R/W
Enable Endpoint 3 IN FIFO interrupt
2
IN2IE
R/W
Enable Endpoint 2 IN FIFO interrupt
1
IN1IE
R/W
Enable Endpoint 1 IN FIFO interrupt
0
IN0IE
R/W
Enable Endpoint 0 IN FIFO interrupt
Table 108.
USB OUT FIFO interrupt enable register (UIE2 0E6h, reset value 00h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
–
–
–
OUT4IE
OUT3IE
OUT2IE
OUT1IE
OUT0IE
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com