Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 162 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 162 Page - STMicroelectronics

Back Button UPSD3422_V01 Datasheet HTML 158Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 159Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 160Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 161Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 162Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 163Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 164Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 165Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
USB interface
UPSD3422, UPSD3433, UPSD3434, UPSD3454
162/300
25.4.2
Endpoint FIFO pairing
Endpoint FIFOs can be paired for double buffering to provide an efficient method for bulk
data transfers. With double buffering enabled, the MCU can operate on one data packet
while another is being transferred over USB.
When two FIFOs are paired, the active FIFO is automatically toggled by the update of
USIZE. The MCU must only use the odd numbered endpoint FIFO when paired in order to
access the active FIFO. For example, if endpoints 3 and 4 OUT FIFOs are paired, the active
FIFO is accessed via endpoint 3’s OUT FIFO (see Table 102).
Table 100.
USB device address register (UADDR 0E2h, reset value 00h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
–
USBADDR[6:0]
Table 101.
UADDR register bit definition
Bit
Symbol
R/W
Definition
7
–
–
Reserved
6:0
USBADDR
R/W
USB Address of the device.
These bits are cleared with a Hardware RESET. When a USB
RESET is detected, the address register should be cleared.
Table 102.
Pairing control register (UPAIR 0E3h, reset value 00h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
–
–
–
–
PR3OUT
PR1OUT
PR3IN
PR1IN
Table 103.
UPAIR register bit definition
Bit
Symbol
R/W
Definition
7
–
–
Reserved
6
–
–
Reserved
5
–
–
Reserved
4
–
–
Reserved
3PR3OUT
R/W
Setting this bit enables double buffering of the OUT FIFOs for
Endpoints 3 and 4. Access to the double buffered FIFOs is
through Endpoint3’s OUT FIFO.
2PR1OUT
R/W
Setting this bit enables double buffering of the OUT FIFOs for
Endpoints 1 and 2. Access to the double buffered FIFOs is
through Endpoint1’s OUT FIFO.
1PR3IN
R/W
Setting this bit enables double buffering of the IN FIFOs for
Endpoints 3 and 4. Access to the double buffered FIFOs is
through Endpoint3’s IN FIFO.
0PR1IN
R/W
Setting this bit enables double buffering of the IN FIFOs for
Endpoints 1 and 2. Access to the double buffered FIFOs is
through Endpoint1’s IN FIFO.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com