Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 165 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 165 Page - STMicroelectronics

Back Button UPSD3422_V01 Datasheet HTML 161Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 162Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 163Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 164Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 165Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 166Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 167Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 168Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD3422, UPSD3433, UPSD3434, UPSD3454
USB interface
165/300
●
USB IN FIFO NAK interrupt enable register (UIE3)
When an endpoint’s IN FIFO is empty and an IN transaction to that endpoint has been
received, the SIE sends a NAK handshake token since there is no data ready for it to
send.
The UIE3 register (see Table 110) is used to enable each endpoint’s IN FIFO NAK
Interrupt.
Table 109.
UIE2 register bit definition
Bit
Symbol
R/W
Definition
7–
–
Reserved
6–
–
Reserved
5–
–
Reserved
4
OUT4IE
R/W
Enable Endpoint 4 OUT FIFO interrupt
3
OUT3IE
R/W
Enable Endpoint 3 OUT FIFO interrupt
2
OUT2IE
R/W
Enable Endpoint 2 OUT FIFO interrupt
1
OUT1IE
R/W
Enable Endpoint 1 OUT FIFO interrupt
0
OUT0IE
R/W
Enable Endpoint 0 OUT FIFO interrupt
Table 110.
USB IN FIFO NAK interrupt enable register (UIE3 0E7h, reset value 00h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
–
–
–
NAK4IE
NAK3IE
NAK2IE
NAK1IE
NAK0IE
Table 111.
UIE3 register bit definition
Bit
Symbol
R/W
Definition
7
–
–
Reserved
6
–
–
Reserved
5
–
–
Reserved
4
NAK4IE
R/W
Enable Endpoint 4 IN FIFO NAK interrupt
3
NAK3IE
R/W
Enable Endpoint 3 IN FIFO NAK interrupt
2
NAK2IE
R/W
Enable Endpoint 2 IN FIFO NAK interrupt
1
NAK1IE
R/W
Enable Endpoint 1 IN FIFO NAK interrupt
0
NAK0IE
R/W
Enable Endpoint 0 IN FIFO NAK interrupt
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com