Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9001UIDBVR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9001UIDBVR
Description  TLV900x Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9001UIDBVR Datasheet(HTML) 26 Page - Texas Instruments

Back Button TLV9001UIDBVR Datasheet HTML 22Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 23Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 24Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 25Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 26Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 27Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 28Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 29Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 98 page
background image
8.3 Feature Description
8.3.1 Operating Voltage
The TLV900x family of op amps are for operation from 1.8 V to 5.5 V. In addition, many specifications such
as input offset voltage, quiescent current, offset current, and short circuit current apply from –40°C to 125°C.
Parameters that vary significantly with operating voltages or temperature are shown in Section 7.11.
8.3.2 Rail-to-Rail Input
The input common-mode voltage range of the TLV900x family extends 100 mV beyond the supply rails for the
full supply voltage range of 1.8 V to 5.5 V. This performance is achieved with a complementary input stage:
an N-channel input differential pair in parallel with a P-channel differential pair, as shown in Section 8.2. The
N-channel pair is active for input voltages close to the positive rail, typically (V+) – 1.4 V to 100 mV above
the positive supply, whereas the P-channel pair is active for inputs from 100 mV below the negative supply to
approximately (V+) – 1.4 V. There is a small transition region, typically (V+) – 1.2 V to (V+) – 1 V, in which both
pairs are on. This 100-mV transition region can vary up to 100 mV with process variation. Thus, the transition
region (with both stages on) can range from (V+) – 1.4 V to (V+) – 1.2 V on the low end, and up to (V+) – 1 V to
(V+) – 0.8 V on the high end. Within this transition region, PSRR, CMRR, offset voltage, offset drift, and THD can
degrade compared to device operation outside this region.
8.3.3 Rail-to-Rail Output
Designed as a low-power, low-voltage operational amplifier, the TLV900x family delivers a robust output
drive capability. A class-AB output stage with common-source transistors achieves full rail-to-rail output swing
capability. For resistive loads of 10 kΩ, the output swings to within 20 mV of either supply rail, regardless of the
applied power-supply voltage. Different load conditions change the ability of the amplifier to swing close to the
rails.
8.3.4 EMI Rejection
The TLV900x uses integrated electromagnetic interference (EMI) filtering to reduce the effects of EMI from
sources such as wireless communications and densely-populated boards with a mix of analog signal chain and
digital components. EMI immunity can be improved with circuit design techniques; the TLV900x benefits from
these design improvements. Texas Instruments has developed the ability to accurately measure and quantify the
immunity of an operational amplifier over a broad frequency spectrum extending from 10 MHz to 6 GHz. Figure
8-1 shows the results of this testing on the TLV900x. Table 8-1 shows the EMIRR IN+ values for the TLV900x at
particular frequencies commonly encountered in real-world applications. The EMI Rejection Ratio of Operational
Amplifiers application report contains detailed information on the topic of EMIRR performance as it relates to op
amps and is available for download from www.ti.com.
Frequency (Hz)
0
20
40
60
80
100
120
140
10M
100M
1G
10G
D035
Figure 8-1. EMIRR Testing
TLV9001, TLV9002, TLV9004
SBOS833R – OCTOBER 2017 – REVISED NOVEMBER 2021
www.ti.com
26
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLV9001 TLV9002 TLV9004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com