Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9001UIDBVR Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9001UIDBVR
Description  TLV900x Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9001UIDBVR Datasheet(HTML) 67 Page - Texas Instruments

Back Button TLV9001UIDBVR Datasheet HTML 63Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 64Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 65Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 66Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 67Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 68Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 69Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 70Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 98 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MIN
ALL AROUND
TYP
(0.21) TYP
EXPOSED METAL
CLEARANCE
(R0.05) TYP
4X (0.42)
4X (0.22)
4X (0.26)
(
0.25)
(0.78)
(0.48)
4X (0.06)
X2SON - 0.4 mm max height
DPW0005B
PLASTIC SMALL OUTLINE - NO LEAD
4228233/C 02/2022
SYMM
1
2
3
4
SYMM
LAND PATTERN EXAMPLE
SOLDER MASK DEFINED
SCALE:60X
5
SOLDER MASK
OPENING, TYP
METAL UNDER
SOLDER MASK, TYP
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, refer to QFN/SON PCB application note
in literature No. SLUA271 (www.ti.com/lit/slua271).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com