Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9001UIDBVR Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9001UIDBVR
Description  TLV900x Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9001UIDBVR Datasheet(HTML) 31 Page - Texas Instruments

Back Button TLV9001UIDBVR Datasheet HTML 27Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 28Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 29Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 30Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 31Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 32Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 33Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 34Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 98 page
background image
9.2.2 Single-Supply Photodiode Amplifier
Photodiodes are used in many applications to convert light signals to electrical signals. The current through
the photodiode is proportional to the photon energy absorbed, and is commonly in the range of a few hundred
picoamps to a few tens of microamps. An amplifier in a transimpedance configuration is typically used to convert
the low-level photodiode current to a voltage signal for processing in an MCU. The circuit shown in Figure 9-3 is
an example of a single-supply photodiode amplifier circuit using the TLV9002.
CPD
47 pF
IIN
0-10 µA
VREF
VOUT
3.3 V
RF
309 NŸ
CF
10 pF
R2
357 Ÿ
R1
11.5 NŸ
+3.3V
VREF
RL
10 k
+
±
TLV9002
Figure 9-3. Single-Supply Photodiode Amplifier Circuit
www.ti.com
TLV9001, TLV9002, TLV9004
SBOS833R – OCTOBER 2017 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: TLV9001 TLV9002 TLV9004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com