Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9001UIDBVR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9001UIDBVR
Description  TLV900x Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9001UIDBVR Datasheet(HTML) 28 Page - Texas Instruments

Back Button TLV9001UIDBVR Datasheet HTML 24Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 25Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 26Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 27Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 28Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 29Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 30Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 31Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 98 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
The TLV900x family of low-power, rail-to-rail input and output operational amplifiers is specifically designed for
portable applications. The devices operate from 1.8 V to 5.5 V, are unity-gain stable, and are suitable for a wide
range of general-purpose applications. The class AB output stage is capable of driving less than or equal to
10
‑kΩ loads connected to any point between V+ and V–. The input common-mode voltage range includes both
rails, and allows the TLV900x devices to be used in any single-supply application.
9.2 Typical Application
9.2.1 TLV900x Low-Side, Current Sensing Application
Figure 9-1 shows the TLV900x configured in a low-side current sensing application.
I
LOAD
Z
LOAD
V
BUS
V
SHUNT
R
SHUNT
0.1 Ÿ
R
F
57.6 NŸ
R
G
1.2 NŸ
V
OUT
5 V
+
í
TLV9002
+
í
Figure 9-1. TLV900x in a Low-Side, Current-Sensing Application
TLV9001, TLV9002, TLV9004
SBOS833R – OCTOBER 2017 – REVISED NOVEMBER 2021
www.ti.com
28
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLV9001 TLV9002 TLV9004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com