Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9001UIDBVR Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9001UIDBVR
Description  TLV900x Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9001UIDBVR Datasheet(HTML) 34 Page - Texas Instruments

Back Button TLV9001UIDBVR Datasheet HTML 30Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 31Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 32Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 33Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 34Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 35Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 36Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 37Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 98 page
background image
10 Power Supply Recommendations
The TLV900x family is specified for operation from 1.8 V to 5.5 V (±0.9 V to ±2.75 V); many specifications
apply from –40°C to 125°C. Section 7.11 presents parameters that may exhibit significant variance with regard to
operating voltage or temperature.
CAUTION
Supply voltages larger than 6 V may permanently damage the device; see Section 7.1.
Place 0.1-µF bypass capacitors close to the power-supply pins to reduce coupling errors from noisy or high-
impedance power supplies. For more detailed information on bypass capacitor placement, see Section 11.1.
10.1 Input and ESD Protection
The TLV900x family incorporates internal ESD protection circuits on all pins. For input and output pins, this
protection primarily consists of current-steering diodes connected between the input and power-supply pins.
These ESD protection diodes provide in-circuit, input overdrive protection, as long as the current is limited to
10 mA. Figure 10-1 shows how a series input resistor can be added to the driven input to limit the input current.
The added resistor contributes thermal noise at the amplifier input and the value must be kept to a minimum in
noise-sensitive applications.
5 kW
10-mA maximum
V+
V
IN
V
OUT
I
OVERLOAD
Device
Figure 10-1. Input Current Protection
TLV9001, TLV9002, TLV9004
SBOS833R – OCTOBER 2017 – REVISED NOVEMBER 2021
www.ti.com
34
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLV9001 TLV9002 TLV9004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com