Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9001UIDBVR Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9001UIDBVR
Description  TLV900x Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9001UIDBVR Datasheet(HTML) 81 Page - Texas Instruments

Back Button TLV9001UIDBVR Datasheet HTML 77Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 78Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 79Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 80Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 81Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 82Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 83Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 84Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 98 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.0325 MIN
0.0325 MAX
9X (
0.18)
(0.35) TYP
(0.35) TYP
(
0.18)
SOLDER MASK
OPENING
(
0.18)
METAL
4225837/A 04/2020
DSBGA - 0.33 mm max height
YCK0009
DIE SIZE BALL GRID ARRAY
NOTES: (continued)
3. Final dimensions may vary due to manufacturing tolerance considerations and also routing constraints.
See Texas Instruments Literature No. SNVA009 (www.ti.com/lit/snva009).
SOLDER MASK DETAILS
NOT TO SCALE
SYMM
SYMM
C
1
2
3
A
B
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 50X
NON-SOLDER MASK
DEFINED
EXPOSED
METAL
SOLDER MASK
OPENING
SOLDER MASK
DEFINED
(PREFERRED)
METAL UNDER
SOLDER MASK
EXPOSED
METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com