Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9001UIDBVR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9001UIDBVR
Description  TLV900x Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9001UIDBVR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TLV9001UIDBVR Datasheet HTML 25Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 26Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 27Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 28Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 29Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 30Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 31Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 32Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 98 page
background image
9.2.1.1 Design Requirements
The design requirements for this design are:
• Load current: 0 A to 1 A
• Output voltage: 4.9 V
• Maximum shunt voltage: 100 mV
9.2.1.2 Detailed Design Procedure
The transfer function of the circuit in Figure 9-1 is given in Equation 1.
OUT
LOAD
SHUNT
V
I
R
Gain
u
u
(1)
The load current (ILOAD) produces a voltage drop across the shunt resistor (RSHUNT). The load current is set
from 0 A to 1 A. To keep the shunt voltage below 100 mV at maximum load current, the largest shunt resistor is
shown using Equation 2.
_
_
SHUNT
MAX
SHUNT
LOAD
MAX
V
100mV
R
100m
I
1A
:
(2)
Using Equation 2, RSHUNT is calculated to be 100 mΩ. The voltage drop produced by ILOAD and RSHUNT is
amplified by the TLV900x to produce an output voltage of approximately 0 V to 4.9 V. The gain needed by the
TLV900x to produce the necessary output voltage is calculated using Equation 3.
_
_
_
_
OUT
MAX
OUT
MIN
IN
MAX
IN
MIN
V
V
Gain
V
V
(3)
Using Equation 3, the required gain is calculated to be 49 V/V, which is set with resistors RF and RG. Equation 4
sizes the resistors RF and RG, to set the gain of the TLV900x to 49 V/V.
F
G
R
Gain
1
R
(4)
Selecting RF as 57.6 kΩ and RG as 1.2 kΩ provides a combination that equals 49 V/V. Figure 9-2 shows the
measured transfer function of the circuit shown in Figure 9-1. Notice that the gain is only a function of the
feedback and gain resistors. This gain is adjusted by varying the ratio of the resistors and the actual resistors
values are determined by the impedance levels that the designer wants to establish. The impedance level
determines the current drain, the effect that stray capacitance has, and a few other behaviors. There is no
optimal impedance selection that works for every system, you must choose an impedance that is ideal for your
system parameters.
www.ti.com
TLV9001, TLV9002, TLV9004
SBOS833R – OCTOBER 2017 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TLV9001 TLV9002 TLV9004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com