Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9001UIDBVR Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9001UIDBVR
Description  TLV900x Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9001UIDBVR Datasheet(HTML) 89 Page - Texas Instruments

Back Button TLV9001UIDBVR Datasheet HTML 85Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 86Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 87Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 88Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 89Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 90Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 91Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 92Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 98 page
background image
www.ti.com
PACKAGE OUTLINE
C
8X
0.32
0.18
1.6 0.1
2X
1.5
0.9 0.1
6X 0.5
8X
0.4
0.2
0.05
0.00
0.8
0.7
A
2.1
1.9
B
2.1
1.9
0.32
0.18
0.4
0.2
(DIM A) TYP
WSON - 0.8 mm max height
DSG0008A
PLASTIC SMALL OUTLINE - NO LEAD
4218900/E 08/2022
SIDE WALL
METAL THICKNESS
DIM A
OPTION 1
OPTION 2
0.1
0.2
PIN 1 INDEX AREA
SEATING PLANE
0.08 C
1
4
5
8
X 0.25)
(45
PIN 1 ID
0.1
C A B
0.05
C
THERMAL PAD
EXPOSED
9
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 5.500
ALTERNATIVE TERMINAL SHAPE
TYPICAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com