Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9001UIDBVR Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9001UIDBVR
Description  TLV900x Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9001UIDBVR Datasheet(HTML) 80 Page - Texas Instruments

Back Button TLV9001UIDBVR Datasheet HTML 76Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 77Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 78Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 79Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 80Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 81Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 82Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 83Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 98 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.33 MAX
0.125
0.075
0.7 TYP
0.7 TYP
0.35 TYP
0.35 TYP
9X
0.195
0.155
B
E
A
D
4225837/A 04/2020
DSBGA - 0.33 mm max height
YCK0009
DIE SIZE BALL GRID ARRAY
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BALL A1
CORNER
SEATING PLANE
BALL TYP
0.05 C
A
2
3
0.015
C A B
SYMM
SYMM
B
C
1
SCALE 12.000
D: Max =
E: Max =
0.98 mm, Min =
0.98 mm, Min =
0.92 mm
0.92 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com