Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9001UIDBVR Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9001UIDBVR
Description  TLV900x Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9001UIDBVR Datasheet(HTML) 35 Page - Texas Instruments

Back Button TLV9001UIDBVR Datasheet HTML 31Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 32Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 33Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 34Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 35Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 36Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 37Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 38Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 98 page
background image
11 Layout
11.1 Layout Guidelines
For best operational performance of the device, use good printed circuit board (PCB) layout practices, including:
• Noise can propagate into analog circuitry through the power connections of the board and propagate to the
power pins of the op amp itself. Bypass capacitors are used to reduce the coupled noise by providing a
low-impedance path to ground.
– Connect low-ESR, 0.1-µF ceramic bypass capacitors between each supply pin and ground, placed as
close to the device as possible. A single bypass capacitor from V+ to ground is adequate for single-supply
applications.
• Separate grounding for analog and digital portions of circuitry is one of the simplest and most effective
methods of noise suppression. One or more layers on multilayer PCBs are usually devoted to ground planes.
A ground plane helps distribute heat and reduces electromagnetic interference (EMI) noise pickup. Take care
to physically separate digital and analog grounds, paying attention to the flow of the ground current.
• To reduce parasitic coupling, run the input traces as far away from the supply or output traces as possible.
If these traces cannot be kept separate, crossing the sensitive trace at a 90 degree angle is much better as
opposed to running the traces in parallel with the noisy trace.
• Place the external components as close to the device as possible, as shown in Figure 11-2. Keeping RF and
RG close to the inverting input minimizes parasitic capacitance.
• Keep the length of input traces as short as possible. Remember that the input traces are the most sensitive
part of the circuit.
• Consider a driven, low-impedance guard ring around the critical traces. A guard ring may significantly reduce
leakage currents from nearby traces that are at different potentials.
• Cleaning the PCB following board assembly is recommended for best performance.
• Any precision integrated circuit can experience performance shifts resulting from moisture ingress into the
plastic package. Following any aqueous PCB cleaning process, baking the PCB assembly is recommended
to remove moisture introduced into the device packaging during the cleaning process. A low-temperature,
post-cleaning bake at 85°C for 30 minutes is sufficient for most circumstances.
11.2 Layout Example
+
VIN 2
VOUT 2
R
G
R
F
+
VIN 1
VOUT 1
R
G
R
F
Figure 11-1. Schematic Representation
OUT1
IN1 ±
IN1 +
V ±
OUT2
IN2 ±
IN2 +
V+
VS±
GND
Ground (GND) plane on another layer
Keep input traces short
and run the input traces
as far away from
the supply lines
as possible .
Place components
close to device and to
each other to reduce
parasitic errors .
Use low-ESR,
ceramic bypass
capacitor . Place as
close to the device
as possible .
VIN 1
GND
RF
RG
VIN 2
GND
RF
RG
VS+
GND
OUT 1
OUT 2
Use low-ESR,
ceramic bypass
capacitor . Place as
close to the device
as possible .
Figure 11-2. Layout Example
www.ti.com
TLV9001, TLV9002, TLV9004
SBOS833R – OCTOBER 2017 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: TLV9001 TLV9002 TLV9004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com