Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9001UIDBVR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9001UIDBVR
Description  TLV900x Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9001UIDBVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLV9001UIDBVR Datasheet HTML 18Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 19Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 20Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 21Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 22Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 23Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 24Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 25Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 98 page
background image
7.11 Typical Characteristics (continued)
at TA = 25°C, V+ = 2.75 V, V– = –2.75 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise
noted)
Frequency (Hz)
-100
-90
-80
-70
-60
-50
100
1k
10k
D019
RL = 2K
RL = 10K
VS = 5.5 V
VCM = 2.5 V
G = 1
BW = 80 kHz
VOUT = 0.5 VRMS
Figure 7-19. THD + N vs Frequency
Amplitude (VRMS)
0.001
0.01
0.1
1
2
-100
-80
-60
-40
-20
0
D020
G = +1, RL = 2 k:
G = +1, RL = 10 k:
G = 1, RL = 2 k:
G = 1, RL = 10 k:
VS = 5.5 V
VCM = 2.5 V
ƒ = 1 kHz
G = 1
BW = 80 kHz
Figure 7-20. THD + N vs Amplitude
Voltage Supply (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
10
20
30
40
50
60
70
D021
Figure 7-21. Quiescent Current vs Supply Voltage
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
0
10
20
30
40
50
60
70
D022
Figure 7-22. Quiescent Current vs Temperature
Frequency (Hz)
0
200
400
600
800
1000
1200
1400
1600
1800
2000
1k
10k
100k
1M
10M
D023
Figure 7-23. Open-Loop Output Impedance vs Frequency
Capacitance Load (pF)
0
200
400
600
800
1000
0
5
10
15
20
25
30
35
40
45
50
D024
Overshoot (+)
Overshoot (–)
G = 1
VIN = 100 mVpp
Figure 7-24. Small Signal Overshoot vs Capacitive Load
TLV9001, TLV9002, TLV9004
SBOS833R – OCTOBER 2017 – REVISED NOVEMBER 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLV9001 TLV9002 TLV9004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com