Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9001UIDBVR Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9001UIDBVR
Description  TLV900x Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9001UIDBVR Datasheet(HTML) 51 Page - Texas Instruments

Back Button TLV9001UIDBVR Datasheet HTML 47Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 48Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 49Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 50Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 51Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 52Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 53Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 54Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 98 page
background image
www.ti.com
PACKAGE OUTLINE
C
16X
0.30
0.18
1.68 0.07
16X
0.5
0.3
0.8 MAX
(DIM A) TYP
0.05
0.00
12X 0.5
4X
1.5
A
3.1
2.9
B
3.1
2.9
WQFN - 0.8 mm max height
RTE0016C
PLASTIC QUAD FLATPACK - NO LEAD
4219117/B 04/2022
SIDE WALL
METAL THICKNESS
DIM A
OPTION 1
OPTION 2
0.1
0.2
PIN 1 INDEX AREA
0.08
SEATING PLANE
1
4
9
12
5
8
16
13
(OPTIONAL)
PIN 1 ID
0.1
C A B
0.05
EXPOSED
THERMAL PAD
17
SYMM
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 3.600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com