Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9001UIDBVR Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9001UIDBVR
Description  TLV900x Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9001UIDBVR Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLV9001UIDBVR Datasheet HTML 20Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 21Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 22Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 23Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 24Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 25Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 26Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 27Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 98 page
background image
7.11 Typical Characteristics (continued)
at TA = 25°C, V+ = 2.75 V, V– = –2.75 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise
noted)
Time (1 s/div)
μ
D031
G = 1
CL = 100 pF
2-V step
Figure 7-31. Large-Signal Settling Time (Negative)
Time (1 Ps/div)
D032
G = 1
CL = 100 pF
2-V step
Figure 7-32. Large-Signal Settling Time (Positive)
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
-80
-60
-40
-20
0
20
40
60
80
D033
Sinking
Sourcing
Figure 7-33. Short-Circuit Current vs Temperature
Frequency (Hz)
0
1
2
3
4
5
6
1
10
100
1k
10k
100k
1M
10M
100M
D034
VS = 5.5 V
VS = 1.8 V
Figure 7-34. Maximum Output Voltage vs Frequency
Frequency (Hz)
0
20
40
60
80
100
120
140
10M
100M
1G
10G
D035
Figure 7-35. Electromagnetic Interference Rejection Ratio
Referred to Noninverting Input (EMIRR+) vs Frequency
Frequency (Hz)
-140
-120
-100
-80
-60
-40
-20
0
1k
10k
100k
1M
10M
D036
Figure 7-36. Channel Separation
TLV9001, TLV9002, TLV9004
SBOS833R – OCTOBER 2017 – REVISED NOVEMBER 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLV9001 TLV9002 TLV9004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com