Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD4235G2V-10UI Datasheet(PDF) 55 Page - STMicroelectronics

Part # PSD4235G2V-10UI
Description  Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-10UI Datasheet(HTML) 55 Page - STMicroelectronics

Back Button PSD4235G2V-10UI Datasheet HTML 51Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 52Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 53Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 54Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 55Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 56Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 57Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 58Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 100 page
background image
55/100
PSD4256G6V
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
MMC2001
The Motorola MCORE MMC2001 MCU has a
MOD input pin that selects internal or external boot
ROM. The PSD can be configured as the external
flash boot ROM or as extension to the internal
ROM (see Figure 25, page 56).
The MMC2001 has a 16-bit external data bus and
20 address lines with external chip select signals.
The Chip Select Control Registers allow the user
to customize the bus interface and timing to fit the
individual system requirement. A typical interface
configuration to the PSD is shown in Figure 25,
page 56. The MMC2001’s R/W signal is connect-
ed to the CNTL0 pin, while EB0 and EB1 (enable
byte-0 and enable byte-1) are connected to the
CNTL1 (UDS) and CNTL2 (LDS) pins. The WEN
bit in the Chip Select Control Register should be
set to 1 to terminate the EB0-EB1 earlier to pro-
vide the write data hold time for the PSD. The
WSC and WWS bits in the Control Register are set
to wait states that meet the PSD access time re-
quirement.
Another option is to configure the EB0 and EB1 as
WRL and WRH signals. In this case, the PSD con-
trol setting will be: OE, WRL, WRH where OE is
the READ signal for the MMC2001.
C16x Family
The PSD supports Infineon’s C16X family of
MCUs (C161-C167) in both the multiplexed and
non-multiplexed bus configuration. In Figure 26,
page 57, the C167CR is shown connected to the
PSD in a multiplexed bus configuration. The con-
trol signals from the MCU are WR, RD, BHE and
ALE, and are routed to the corresponding PSD
pins.
The C167 has another control signal setting (RD,
WRL, WRH, ALE) which is also supported by the
PSD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com