Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD4235G2V-10UI Datasheet(PDF) 62 Page - STMicroelectronics

Part # PSD4235G2V-10UI
Description  Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-10UI Datasheet(HTML) 62 Page - STMicroelectronics

Back Button PSD4235G2V-10UI Datasheet HTML 58Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 59Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 60Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 61Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 62Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 63Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 64Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 65Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 100 page
background image
PSD4256G6V
62/100
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
Address In Mode
For MCUs that have more than 16 address sig-
nals, the higher addresses can be connected to
Port A, B, C, D or F, and are routed as inputs to the
PLDs. The address input can be latched in the In-
put Macrocell (IMC) by Address Strobe (ALE/AS,
PD0). Any input that is included in the DPLD equa-
tions for the primary Flash memory, secondary
Flash memory or SRAM is considered to be an ad-
dress input.
Data Port Mode
Ports F and G can be used as a data bus port for
a MCU with a non-multiplexed address/data bus.
The Data Port is connected to the data bus of the
MCU. The general I/O functions are disabled in
Ports F and G if the ports are configured as a Data
Port. Data Port mode is automatically configured
in PSDsoft when a non-multiplexed bus MCU is
selected.
Peripheral I/O Mode
Peripheral I/O mode can be used to interface with
external 8-bit peripherals. In this mode, all of Port
F serves as a tri-state, bi-directional data buffer for
the MCU. Peripheral I/O mode is enabled by set-
ting bit 7 of the VM Register to a 1. Figure 27
shows how Port A acts as a bi-directional buffer for
the MCU data bus if Peripheral I/O mode is en-
abled. An equation for PSEL0 and/or PSEL1 must
be specified in PSDsoft. The buffer is tri-stated
when PSEL0 or PSEL1 is not active.
Figure 28. Peripheral I/O Mode
RD
PSEL0
PSEL1
PSEL
VM REGISTER BIT 7
WR
PA0 - PA7
D0-D7
DATA BUS
AI02886



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com