Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD4235G2V-10UI Datasheet(PDF) 27 Page - STMicroelectronics

Part # PSD4235G2V-10UI
Description  Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-10UI Datasheet(HTML) 27 Page - STMicroelectronics

Back Button PSD4235G2V-10UI Datasheet HTML 23Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 24Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 25Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 26Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 27Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 28Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 29Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 30Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 100 page
background image
27/100
PSD4256G6V
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
Table 29. 16-bit Instructions
Note: 1. All bus cycles are WRITE bus cycles, except the ones with the “Read” label
2. All values are in hexadecimal:
X = “Don’t care.” Addresses of the form XXXXh, in this table, must be even addresses
RA = Address of the memory location to be read
RD = Data read from location RA during the READ cycle
PA = Address of the memory location to be programmed. Addresses are latched on the falling edge of WRITE Strobe (WR, CNTL0).
PA is an even address for PSD in word programming mode.
PD = Data word to be programmed at location PA. Data is latched on the rising edge of WRITE Strobe (WR, CNTL0)
SA = Address of the sector to be erased or verified. The Sector Select (FS0-FS15 or CSBOOT0-CSBOOT3) of the sector to be
erased, or verified, must be Active (High).
3. Sector Select (FS0 to FS15 or CSBOOT0 to CSBOOT3) signals are active High, and are defined in PSDsoft.
4. Only address bits A11-A0 are used in instruction decoding.
5. No Unlock or instruction cycles are required when the device is in the READ Mode
6. The RESET instruction is required to return to the READ Mode after reading the Flash ID, or after reading the Sector Protection
Status, or if the Error Flag Bit (DQ5/DQ13) goes High.
7. Additional sectors to be erased must be written at the end of the Sector Erase instruction within 80µs.
8. The data is 00h for an unprotected sector, and 01h for a protected sector. In the fourth cycle, the Sector Select is active, and
(A1,A0) = (1,0).
9. The Unlock Bypass instruction is required prior to the Unlock Bypass Program instruction.
10. The Unlock Bypass Reset Flash instruction is required to return to reading memory data when the device is in the Unlock Bypass
mode.
11. The system may perform READ and Program cycles in non-erasing sectors, read the Flash ID or read the Sector Protection Status
when in the Suspend Sector Erase mode. The Suspend Sector Erase instruction is valid only during a Sector Erase cycle.
12. The Resume Sector Erase instruction is valid only during the Suspend Sector Erase mode.
13. The MCU cannot invoke these instructions while executing code from the same Flash memory as that for which the instruction is
intended. The MCU must retrieve, for example, the code from the secondary Flash memory when reading the Sector Protection
Status of the primary Flash memory.
14. All WRITE bus cycles in an instruction are byte-WRITE to an even address (XA4Ah or X554h). A Flash memory Program bus cycle
writes a word to an even address.
Instruction(14)
FS0-FS15 or
CSBOOT0-
CSBOOT3
Cycle 1
Cycle 2
Cycle 3
Cycle 4
Cycle 5
Cycle 6
Cycle 7
READ(5)
1
“Read”
RD @ RA
READ Main Flash
ID(6, 13)
0
AAh@
XAAAh
55h@
X554h
90h@
XAAAh
Read ID
@ XX02h
READ Sector
Protection(6,8,13)
1
AAh@
XAAAh
55h@
X554h
90h@
XAAAh
Read 00h
or 01h @
XX04h
Program a Flash
Word(13)
1
AAh@
XAAAh
55h@
X554h
A0h@
XAAAh
PD@ PA
Flash Sector
Erase(7,13)
1
AAh@
XAAAh
55h@
X554h
80h@
XAAAh
AAh@
XAAAh
55h@
X554h
30h@
SA
30h(7)@
next SA
Flash Bulk Erase(13)
1
AAh@
XAAAh
55h@
X554h
80h@
XAAAh
AAh@
XAAAh
55h@
X554h
10h@
XAAAh
Suspend Sector
Erase(11)
1
B0h@
XXXXh
Resume Sector
Erase(12)
1
30h@
XXXXh
RESET(6)
1
F0h@
XXXXh
Unlock Bypass
1
AAh@
XAAAh
55h@
X554h
20h@
XAAAh
Unlock Bypass
Program(9)
1
A0h@
XXXXh
PD@ PA
Unlock Bypass
Reset(10)
1
90h@
XXXXh
00h@
XXXXh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com