Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD4235G2V-10UI Datasheet(PDF) 84 Page - STMicroelectronics

Part # PSD4235G2V-10UI
Description  Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-10UI Datasheet(HTML) 84 Page - STMicroelectronics

Back Button PSD4235G2V-10UI Datasheet HTML 80Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 81Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 82Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 83Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 84Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 85Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 86Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 87Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 100 page
background image
PSD4256G6V
84/100
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
Figure 39. Input to Output Disable / Enable
Table 61. CPLD Combinatorial Timing
Table 62. CPLD Macrocell Synchronous Clock Mode Timing
Note: 1. CLKIN (PD1) tCLCL = tCH + tCL.
Symbol
Parameter
Conditions
-10
PT
Aloc
Turbo
Off
Unit
Min
Max
tPD
CPLD Input Pin/Feedback to
CPLD Combinatorial Output
38
+ 4
+ 20
ns
tEA
CPLD Input to CPLD Output
Enable
43
+ 20
ns
tER
CPLD Input to CPLD Output
Disable
43
+ 20
ns
tARP
CPLD Register Clear or
Preset Delay
38
+ 20
ns
tARPW
CPLD Register Clear or
Preset Pulse Width
28
+ 20
ns
tARD
CPLD Array Delay
Any
Macrocell
23
+ 4
ns
Symbol
Parameter
Conditions
-10
PT
Aloc
Turbo
Off
Unit
Min
Max
fMAX
Maximum Frequency
External Feedback
1/(tS+tCO)
22.7
MHz
Maximum Frequency
Internal Feedback (fCNT)
1/(tS+tCO–10)
29.4
MHz
Maximum Frequency
Pipelined Data
1/(tCH+tCL)
45.0
MHz
tS
Input Setup Time
18
+ 4
+ 20
ns
tH
Input Hold Time
0
ns
tCH
Clock High Time
Clock Input
11
ns
tCL
Clock Low Time
Clock Input
11
ns
tCO
Clock to Output Delay
Clock Input
26
ns
tARD
CPLD Array Delay
Any Macrocell
23
+ 4
ns
tMIN
Minimum Clock Period 1
tCH+tCL
22
ns
tER
tEA
INPUT
INPUT TO
OUTPUT
ENABLE/DISABLE
AI02863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com