Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD4235G2V-10UI Datasheet(PDF) 50 Page - STMicroelectronics

Part # PSD4235G2V-10UI
Description  Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-10UI Datasheet(HTML) 50 Page - STMicroelectronics

Back Button PSD4235G2V-10UI Datasheet HTML 46Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 47Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 48Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 49Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 50Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 51Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 52Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 53Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 100 page
background image
PSD4256G6V
50/100
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
Data Byte Enable Reference for a 16-bit Bus
MCUs have different data byte orientations. Table
35 to Table 38 show how the PSD4256G6V inter-
prets byte/word operations in different bus WRITE
configurations. Even-byte refers to locations with
address A0 equal to 0, and odd byte as locations
with A0 equal to 1.
Table 35. 16-Bit Data Bus with BHE
16-bit MCU Bus Interface Examples
Figure 21, page 51 to Figure 26, page 57 show ex-
amples of the basic connections between the
PSD4256G6V and some popular MCUs. The
PSD4256G6V Control input pins are labeled as to
the MCU function for which they are configured.
The MCU bus interface is specified using PSDsoft.
The Voltage Standby (VSTBY, PE6) line should be
held at Ground if not in use.
Table 36. 16-Bit Data Bus with WRH and WRL
Table 37. 16-Bit Data Bus with SIZ0, A0
(Motorola MCU)
Table 38. 16-Bit Data Bus with LDS, UDS
(Motorola MCU)
BHE
A0
D15-D8
D7-D0
0
0
Odd Byte
Even Byte
0
1
Odd Byte
—
1
0
—
Even Byte
WRH
WRL
D15-D8
D7-D0
0
0
Odd Byte
Even Byte
0
1
Odd Byte
—
1
0
—
Even Byte
SIZ0
A0
D15-D8
D7-D0
0
0
Even Byte
Odd Byte
1
0
Even Byte
—
1
1
—
Odd Byte
WRH
WRL
D15-D8
D7-D0
0
0
Even Byte
Odd Byte
1
0
Even Byte
—
0
1
—
Odd Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com