Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD4235G2V-10UI Datasheet(PDF) 91 Page - STMicroelectronics

Part # PSD4235G2V-10UI
Description  Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-10UI Datasheet(HTML) 91 Page - STMicroelectronics

Back Button PSD4235G2V-10UI Datasheet HTML 87Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 88Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 89Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 90Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 91Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 92Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 93Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 94Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 100 page
background image
91/100
PSD4256G6V
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
Table 67. WRITE Timing
Note: 1. Any input used to select an internal PSD function.
2. In multiplexed mode, latched address generated from ADIO delay to address output on any port.
3. WR has the same timing as E, LDS, UDS, WRL, and WRH signals.
4. Assuming data is stable before active WRITE signal.
5. Assuming WRITE is active before data becomes valid.
6. tWHAX2 is the address hold time for DPLD inputs that are used to generate Sector Select signals for internal PSD memory.
7. tWHAX is 11 ns when writing to the Output Macrocell Registers.
Symbol
Parameter
Conditions
-10
Unit
Min
Max
tLVLX
ALE or AS Pulse Width
22
tAVLX
Address Setup Time
(Note 1)
7ns
tLXAX
Address Hold Time
(Note 1)
8ns
tAVWL
Address Valid to Leading
Edge of WR
(Notes 1,3)
15
ns
tSLWL
CS Valid to Leading Edge of WR
(Note 3)
15
ns
tDVWH
WR Data Setup Time
(Note 3)
40
ns
tWHDX
WR Data Hold Time
(Note 3,7)
5ns
tWLWH
WR Pulse Width
(Note 3)
40
ns
tWHAX1
Trailing Edge of WR to Address Invalid
(Note 3)
8ns
tWHAX2
Trailing Edge of WR to DPLD Address
Invalid
(Note 3,6)
0ns
tWHPV
Trailing Edge of WR to Port Output
Valid Using I/O Port Data Register
(Note 3)
45
ns
tDVMV
Data Valid to Port Output Valid
Using Macrocell Register Preset/Clear
(Notes 3,5)
65
ns
tAVPV
Address Input Valid to Address
Output Delay
(Note 2)
35
ns
tWLMV
WR Valid to Port Output Valid Using
Macrocell Register Preset/Clear
(Notes 3,4)
65
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com