Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD4235G2V-10UI Datasheet(PDF) 89 Page - STMicroelectronics

Part # PSD4235G2V-10UI
Description  Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-10UI Datasheet(HTML) 89 Page - STMicroelectronics

Back Button PSD4235G2V-10UI Datasheet HTML 85Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 86Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 87Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 88Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 89Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 90Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 91Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 92Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 100 page
background image
89/100
PSD4256G6V
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
Table 66. READ Timing
Note: 1. RD timing has the same timing as DS, LDS, UDS, and PSEN signals.
2. Any input used to select an internal PSD function.
3. In multiplexed mode latched address generated from ADIO delay to address output on any Port.
4. RD timing has the same timing as DS, LDS, and UDS signals.
Symbol
Parameter
Conditions
-10
Turbo
Off
Unit
Min
Max
tLVLX
ALE or AS Pulse Width
22
ns
tAVLX
Address Setup Time
(Note 2)
7ns
tLXAX
Address Hold Time
(Note 2)
8ns
tAVQV
Address Valid to Data Valid
2.7 < VCC < 3.6V
(Note 2)
100
+ 20
ns
3.0 < VCC < 3.6V
(Note 2)
90
+ 20
ns
tSLQV
CS Valid to Data Valid
100
ns
tRLQV
RD to Data Valid
(Note 3)
35
ns
RD or PSEN to Data Valid on
80C51XA
45
ns
tRHQX
RD Data Hold Time
(Note 1)
0ns
tRLRH
RD Pulse Width
36
ns
tRHQZ
RD to Data High-Z
(Note 1)
38
ns
tEHEL
E Pulse Width
38
ns
tTHEH
R/W Setup Time to Enable
10
ns
tELTL
R/W Hold Time After Enable
0
ns
tAVPV
Address Input Valid to
Address Output Delay
(Note 3)
35
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com