Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD4235G2V-10UI Datasheet(PDF) 32 Page - STMicroelectronics

Part # PSD4235G2V-10UI
Description  Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-10UI Datasheet(HTML) 32 Page - STMicroelectronics

Back Button PSD4235G2V-10UI Datasheet HTML 28Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 29Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 30Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 31Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 32Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 33Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 34Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 35Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 100 page
background image
PSD4256G6V
32/100
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
Data Toggle
Checking the Toggle Flag Bit (DQ6/DQ14) is an-
other method of determining whether a Program or
Erase cycle is in progress or has completed. Fig-
ure 7 shows the Data Toggle algorithm.
When the MCU issues a Program instruction, the
embedded algorithm within the PSD begins. The
MCU then reads the location to be programmed in
Flash memory to check the status. The Toggle
Flag Bit (DQ6/DQ14) toggles each time the MCU
reads this location until the embedded algorithm is
complete. The MCU continues to read this loca-
tion, checking the Toggle Flag Bit (DQ6/DQ14)
and monitoring the Error Flag Bit (DQ5/DQ13).
When the Toggle Flag Bit (DQ6/DQ14) stops tog-
gling (two consecutive READs yield the same val-
ue), and the Error Flag Bit (DQ5/DQ13) remains
’0,’ the embedded algorithm is complete. If the Er-
ror Flag Bit (DQ5/DQ13) is ’1,’ the MCU should
test the Toggle Flag Bit (DQ6/DQ14) again, since
the Toggle Flag Bit (DQ6/DQ14) may have
changed simultaneously with the Error Flag Bit
(DQ5/DQ13) (see Figure 7).
The Error Flag Bit (DQ5/DQ13) is set if either an
internal time-out occurred while the embedded al-
gorithm attempted to program, or if the MCU at-
tempted to program a ’1’ to a bit that was not
erased (not erased is logic ’0’).
It is suggested (as with all Flash memories) to read
the location again after the embedded program-
ming algorithm has completed, to compare the
word that was written to Flash memory with the
word that was intended to be written.
When using the Data Toggle method after an
Erase cycle, Figure 7 still applies. the Toggle Flag
Bit (DQ6/DQ14) toggles until the Erase cycle is
complete. A ’1’ on the Error Flag Bit (DQ5/DQ13)
indicates a time-out condition on the Erase cycle,
a ’0’ indicates no error. The MCU can read any
even location within the sector being erased to get
the Toggle Flag Bit (DQ6/DQ14) and the Error
Flag Bit (DQ5/DQ13).
PSDsoft generates ANSI C code functions which
implement these Data Toggling algorithms.
Unlock Bypass
The Unlock Bypass instruction allows the system
to program words to the Flash memories faster
than using the standard Program instruction. The
Unlock Bypass mode is entered by first initiating
two Unlock cycles. This is followed by a third
WRITE cycle containing the Unlock Bypass com-
mand, 20h (as shown in Table 29, page 27). The
Flash memory then enters the Unlock Bypass
mode.
A two-cycle Unlock Bypass Program instruction is
all that is required to program in this mode. The
first cycle in this instruction contains the Unlock
Bypass Program command, A0h. The second cy-
cle contains the program address and data. Addi-
tional data is programmed in the same manner.
This mode dispense with the initial two Unlock cy-
cles required in the standard Program instruction,
resulting in faster total programming time.
During the unlock bypass mode, only the Unlock
Bypass Program and Unlock Bypass Reset in-
structions are valid.
To exit the Unlock Bypass mode, the system must
issue the two-cycle Unlock Bypass Reset instruc-
tion. The first cycle must contain the data 90h; the
second cycle the data 00h. Addresses are “Don’t
care” for both cycles. The Flash memory then re-
turns to READ Mode.
Figure 7. Data Toggle Flowchart
START
READ DQ6
(DQ14)
AI04921
No
No
Yes
Yes
No
Yes
Program
or Erase
Cycle failed
Program
or Erase
Cycle is
complete
Issue RESET
instruction
READ DQ5 and DQ6
(DQ13 and DQ14)
at Valid Even Address
DQ5
(DQ13)
= 1
DQ6
(DQ14)
=
Toggle
DQ6
(DQ14)
=
Toggle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com