Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD4235G2V-10UI Datasheet(PDF) 47 Page - STMicroelectronics

Part # PSD4235G2V-10UI
Description  Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-10UI Datasheet(HTML) 47 Page - STMicroelectronics

Back Button PSD4235G2V-10UI Datasheet HTML 43Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 44Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 45Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 46Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 47Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 48Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 49Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 50Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 100 page
background image
47/100
PSD4256G6V
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
MCU BUS INTERFACE
The “no-glue logic” MCU Bus Interface block can
be directly connected to most popular 8-bit and 16-
bit MCUs and their control signals. Key MCUs,
with their bus types and control signals, are shown
in Table 34. The MCU interface type is specified
using the PSDsoft.
Table 34. 16-bit MCUs and Their Control Signals
Note: 1. Unused CNTL2 pin can be configured as CPLD input. Other unused pins (PD3-PD0, PF3-PF0) can be configured for other I/O func-
tions.
2. ALE/AS input is optional for MCUs with a non-multiplexed bus.
3. This configuration is for MC68HC812A4_EC at 5MHz, 3V only.
MCU
CNTL0
CNTL1
CNTL2
PD3
PD02
ADIO0
PF3-PF0
68302, 68306, MMC2001
R/W
LDS
UDS
(Note 1)
AS
—
(Note 1)
68330, 68331, 68332, 68340
R/W
DS
SIZ0
(Note 1)
AS
A0
(Note 1)
68LC302, MMC2001
WEL
OE
—WEH
AS
—
(Note 1)
68HC16
R/W
DS
SIZ0
(Note 1)
AS
A0
(Note 1)
68HC912
R/W
E
LSTRB
DBE
EA0
(Note 1)
68HC812 3
R/W
E
LSTRB
(Note 1)
(Note 1)
A0
(Note 1)
80196
WR
RD
BHE
(Note 1)
ALE
A0
(Note 1)
80196SP
WRL
RD
(Note 1)
WRH
ALE
A0
(Note 1)
80186
WR
RD
BHE
(Note 1)
ALE
A0
(Note 1)
80C161, 80C164-80C167
WR
RD
BHE
(Note 1)
ALE
A0
(Note 1)
80C51XA
WRL
RD
PSEN
WRH
ALE
A4/D0
A3-A1
H8/300
WRL
RD
(Note 1)
WRH
AS
A0
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com