Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD4235G2V-10UI Datasheet(PDF) 48 Page - STMicroelectronics

Part # PSD4235G2V-10UI
Description  Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-10UI Datasheet(HTML) 48 Page - STMicroelectronics

Back Button PSD4235G2V-10UI Datasheet HTML 44Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 45Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 46Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 47Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 48Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 49Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 50Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 51Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 100 page
background image
PSD4256G6V
48/100
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
PSD Interface to a Multiplexed Bus
Figure 19 shows an example of a system using an
MCU with a multiplexed bus and a PSD4256G6V.
The ADIO port on the PSD is connected directly to
the MCU address/data bus. Address Strobe (ALE/
AS, PD0) latches the address signals internally.
Latched addresses can be brought out to Port E, F
or G. The PSD drives the ADIO data bus only
when one of its internal resources is accessed and
READ Strobe (RD, CNTL1) is active. Should the
system address bus exceed sixteen bits, Ports A,
B, C, or F may be used as additional address in-
puts.
Figure 19. An Example of a Typical Multiplexed Bus Interface
Note: 1. AD[15:8] is for 16-bit MCU
MCU
WR
RD
BHE
ALE
RESET
AD [ 7:0]
AD[15:8]1
A[ 15: 8]
A[ 7: 0]
ADIO
PORT
PORT
F
PORT
G
PORT
A
WR (CNTRL0)
RD (CNTRL1)
BHE (CNTRL2)
RST
ALE (PD0)
PORT D
(OPTIONAL)
(OPTIONAL)
PSD
AI04928B
A[ 23:16]
(OPTIONAL)
or A[15:8]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com