Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD4235G2V-10UI Datasheet(PDF) 64 Page - STMicroelectronics

Part # PSD4235G2V-10UI
Description  Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-10UI Datasheet(HTML) 64 Page - STMicroelectronics

Back Button PSD4235G2V-10UI Datasheet HTML 60Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 61Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 62Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 63Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 64Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 65Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 66Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 67Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 100 page
background image
PSD4256G6V
64/100
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
Direction Register
The Direction Register controls the direction of
data flow in the I/O Ports. Any bit set to 1 in the Di-
rection Register causes the corresponding pin to
be an output, and any bit set to 0 causes it to be
an input. The default mode for all port pins is input.
Figure 28, page 62 and Figure 30, page 67 show
the Port Architecture diagrams for Ports A/B/C and
E/F/G, respectively. The direction of data flow for
Ports A, B, C and F are controlled not only by the
direction register, but also by the output enable
product term from the PLD AND Array. If the out-
put enable product term is not active, the Direction
Register has sole control of a given pin’s direction.
An example of a configuration for a Port with the
three least significant bits set to output and the re-
mainder set to input is shown in Table 45. Since
Port D only contains four pins, the Direction Reg-
ister for Port D has only the four least significant
bits active.
Drive Select Register
The Drive Select Register configures the pin driver
as Open Drain or CMOS. An external pull-up resis-
tor should be used for pins configured as Open
Drain.
A pin can be configured as Open Drain if its corre-
sponding bit in the Drive Select Register is set to a
1. The default pin drive is CMOS.
Table 46 shows the Drive Register for Ports A, B,
D, E and G. It summarizes which pins can be con-
figured as Open Drain outputs.
Table 43. Port Pin Direction Control, Output
Enable P.T. Not Defined
Table 44. Port Pin Direction Control, Output
Enable P.T. Defined
Table 45. Port Direction Assignment Example
Table 46. Drive Register Pin Assignment
Note: 1. NA = Not Applicable.
Direction Register Bit
Port Pin Mode
0
Input
1
Output
Direction
Register Bit
Output Enable
P.T.
Port Pin Mode
0
0
Input
0
1
Output
1
0
Output
1
1
Output
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
0
0
1
1
1
Drive
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Port A
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Port B
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Port D
NA(1)
NA(1)
NA(1)
NA(1)
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Port E
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Port G
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com