Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD4235G2V-10UI Datasheet(PDF) 83 Page - STMicroelectronics

Part # PSD4235G2V-10UI
Description  Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-10UI Datasheet(HTML) 83 Page - STMicroelectronics

Back Button PSD4235G2V-10UI Datasheet HTML 79Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 80Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 81Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 82Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 83Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 84Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 85Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 86Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 100 page
background image
83/100
PSD4256G6V
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
Table 60. DC Characteristics
Note: 1. Reset (RESET) has hysteresis. VIL1 is valid at or below 0.2VCC –0.1. VIH1 is valid at or above 0.8VCC.
2. CSI deselected or internal PD is active.
3. PLD is in non-Turbo mode, and none of the inputs are switching.
4. Please see Figure 35, page 77 for the PLD current calculation.
5. IOUT = 0 mA
Note: 1. Conditions (in addition to those in Table 56, VCC = 4.5 to 5.5V): VSS = 0V; CL for Port 0, ALE and PSEN output is 100pF; CL for
other outputs is 80pF
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIH
High Level Input Voltage
2.7V < VCC < 3.6V
0.7VCC
VCC +0.5
V
VIL
Low Level Input Voltage
2.7V < VCC < 3.6V
–0.5
0.8
V
VIH1
RESET High Level Input Voltage (Note 1)
0.8VCC
VCC +0.5
V
VIL1
RESET Low Level Input Voltage
(Note 1)
–0.5
0.2VCC –0.1
V
VHYS
RESET Pin Hysteresis
0.3
V
VLKO
VCC (min) for Flash Erase and
Program
1.5
2.3
V
VOL
Output Low Voltage
IOL = 20 µA, VCC = 2.7V
0.01
0.1
V
IOL = 4 mA, VCC = 2.7V
0.15
0.45
V
VOH
Output High Voltage Except
VSTBY On
IOH = –20 µA, VCC = 2.7V
2.6
2.69
V
IOH = –1 mA, VCC = 2.7V
2.3
2.4
V
VOH1
Output High Voltage VSTBY On
IOH1 = –1 µA
VSTBY – 0.8
V
VSTBY
SRAM Standby Voltage
2.0
VCC
V
ISTBY
SRAM Standby Current
VCC = 0V
0.5
1
µA
IIDLE
Idle Current (VSTBY input)
VCC > VSTBY
–0.1
0.1
µA
VDF
SRAM Data Retention Voltage
Only on VSTBY
2V
ISB
Standby Supply Current
for Power-down Mode
CSI >VCC –0.3V (Notes
2,3)
50
100
µA
ILI
Input Leakage Current
VSS < VIN < VCC
–1
±0.1
1
µA
ILO
Output Leakage Current
0.45 < VIN < VCC
–10
±5
10
µA
ICC (DC)
(Note 5)
Operating
Supply Current
PLD Only
PLD_TURBO = Off,
f = 0 MHz (Note 3)
0
µA/
PT
PLD_TURBO = On,
f = 0 MHz
200
400
µA/
PT
Flash memory
During Flash memory
WRITE/Erase Only
10
25
mA
Read only, f = 0 MHz
0
0
mA
SRAM
f = 0 MHz
0
0
mA
ICC (AC)
(Note 5)
PLD AC Adder
note 4
Flash memory AC Adder
1.2
1.8
mA/
MHz
SRAM AC Adder
0.8
1.5
mA/
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com