Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD4235G2V-10UI Datasheet(PDF) 97 Page - STMicroelectronics

Part # PSD4235G2V-10UI
Description  Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-10UI Datasheet(HTML) 97 Page - STMicroelectronics

Back Button PSD4235G2V-10UI Datasheet HTML 92Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 93Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 94Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 95Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 96Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 97Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 98Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 99Page - STMicroelectronics PSD4235G2V-10UI Datasheet HTML 100Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 97 / 100 page
background image
97/100
PSD4256G6V
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
Table 75. TQFP80 – 80-lead Plastic Quad Flatpack Package Mechanical Data
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
–
–
1.60
–
–
0.063
A1
–
0.05
0.15
–
0.002
0.006
A2
1.40
1.35
1.45
0.055
0.053
0.057
b
0.22
0.17
0.27
0.009
0.007
0.011
c
–
0.09
0.20
–
0.004
0.008
D
14.00
–
–
0.551
–
–
D1
12.00
–
–
0.472
–
–
D2
9.50
–
–
0.374
–
–
E
14.00
–
–
0.473
–
–
E1
12.00
–
–
0.394
–
–
E2
9.50
–
–
0.374
–
–
e
0.50
–
–
0.020
–
–
L
0.60
0.45
0.75
0.024
0.018
0.030
L1
1.00
–
–
0.039
–
–
α
3.5
0°
7°
3.5
0°
7°
n80
80
Nd
20
20
Ne
20
20
CP
–
–
0.08
–
–
0.003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com