Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV0T6 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STR755FV0T6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV0T6 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STR755FV0T6 Datasheet HTML 49Page - STMicroelectronics STR755FV0T6 Datasheet HTML 50Page - STMicroelectronics STR755FV0T6 Datasheet HTML 51Page - STMicroelectronics STR755FV0T6 Datasheet HTML 52Page - STMicroelectronics STR755FV0T6 Datasheet HTML 53Page - STMicroelectronics STR755FV0T6 Datasheet HTML 54Page - STMicroelectronics STR755FV0T6 Datasheet HTML 55Page - STMicroelectronics STR755FV0T6 Datasheet HTML 56Page - STMicroelectronics STR755FV0T6 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 73 page
background image
STR750F
Electrical parameters
53/71
3.3.8
I/O port pin characteristics
General characteristics
Subject to general operating conditions for VDD_IO and TA unless otherwise specified.
Table 31.
General characteristics
I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max Unit
VIL
Input low level voltage
TTL ports
0.8
V
VIH
Input high level voltage
2
Vhys
Schmitt trigger voltage
hysteresis(1)
1.
Hysteresis voltage between Schmitt trigger switching levels.
400
mV
IINJ(PIN)
Injected Current on any I/O pin
± 4
mA
ΣIINJ(PIN
(2)
2.
When the current limitation is not possible, the VIN absolute maximum rating must be respected, otherwise
refer to IINJ(PIN) specification. A positive injection is induced by VIN>VDD_IO while a negative injection is
induced by VIN<VSS. Refer to Section 3.2 on page 31 for more details.
Total injected current (sum of all
I/O and control pins)
± 25
Ilkg
Input leakage current on robust
pins
See Section 3.3.12 on page 64
Input leakage current(3)
3.
Leakage could be higher than max. if negative current is injected on adjacent pins.
VSS≤VIN≤VDD_IO
±1
µA
IS
Static current consumption(4)
4.
Configuration not recommended, all unused pins must be kept at a fixed voltage: using the output mode of
the I/O for example or an external pull-up or pull-down resistor (see Figure 25). Data based on design
simulation and/or technology characteristics, not tested in production.
Floating input mode
200
RPU
Weak pull-up equivalent
resistor(5)
5.
The RPU pull-up and RPD pull-down equivalent resistor are based on a resistive transistor.
VIN=VSS
VDD_IO=3.3 V
50
95
200
k
Ω
VDD_IO=5 V
20
58
150
k
Ω
RPD
Weak pull-down equivalent
resistor(5)
VIN=VDD_IO
VDD_IO=3.3 V
30
80
180
k
Ω
VDD_IO=5 V
20
50
120
k
Ω
CIO
I/O pin capacitance
5
pF
tw(IT)in
External interrupt/wake-up lines
pulse time(6)
6.
To generate an external interrupt, a minimum pulse width has to be applied on an I/O port pin configured
as an external interrupt source.
2
TAP
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com