Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV0T6 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STR755FV0T6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV0T6 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STR755FV0T6 Datasheet HTML 32Page - STMicroelectronics STR755FV0T6 Datasheet HTML 33Page - STMicroelectronics STR755FV0T6 Datasheet HTML 34Page - STMicroelectronics STR755FV0T6 Datasheet HTML 35Page - STMicroelectronics STR755FV0T6 Datasheet HTML 36Page - STMicroelectronics STR755FV0T6 Datasheet HTML 37Page - STMicroelectronics STR755FV0T6 Datasheet HTML 38Page - STMicroelectronics STR755FV0T6 Datasheet HTML 39Page - STMicroelectronics STR755FV0T6 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 73 page
background image
Electrical parameters
STR750F
36/71
Table 13.
Maximum power consumption in STOP and STANDBY modes
Symbol
Parameter
Conditions(1)
Typ(2)
Max(3)
Unit
TA
25°C
TA
85°C
TA
105°C
IDD
Supply
current in
STOP mode
LP_PARAM bits: ALL OFF(4)
Single supply scheme see Figure 12.
3.3V
range
12
16
117
250
µA
LP_PARAM bits: ALL OFF
Dual supply scheme see Figure 13.
IDD_V18
IDD_V33
5
<1
8
3
60
TBD
110
TBD
µA
LP_PARAM bits: ALL OFF(4)
Single supply scheme see Figure 10
5V
range
15
22
160
310
µA
LP_PARAM bits: ALL OFF
Dual supply scheme see Figure 11
IDD_V18
IDD_V50
5
3
8
5
60
TBD
110
TBD
µA
Supply
current in
STANDBY
mode
RTC OFF
3.3 V
range
10
20
25
28
5V
range
15
25
30
33
1.
The conditions for these consumption measurements are described at the beginning of Section 3.3.4.
2.
Typical data are based on TA=25°C, VDD_IO=3.3V or 5.0V and V18=1.8V unless otherwise specified.
3.
Data based on product characterisation, tested in production at VDD_IO max and V18 max (1.95V in dual supply mode or
regulator output value in single supply mode).
4.
In this mode, the whole digital circuitry is powered internally by the LPVREG at approximately 1.4V, which significantly
reduces the leakage currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com