Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV0T6 Datasheet(PDF) 51 Page - STMicroelectronics

Part # STR755FV0T6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV0T6 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STR755FV0T6 Datasheet HTML 47Page - STMicroelectronics STR755FV0T6 Datasheet HTML 48Page - STMicroelectronics STR755FV0T6 Datasheet HTML 49Page - STMicroelectronics STR755FV0T6 Datasheet HTML 50Page - STMicroelectronics STR755FV0T6 Datasheet HTML 51Page - STMicroelectronics STR755FV0T6 Datasheet HTML 52Page - STMicroelectronics STR755FV0T6 Datasheet HTML 53Page - STMicroelectronics STR755FV0T6 Datasheet HTML 54Page - STMicroelectronics STR755FV0T6 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 73 page
background image
STR750F
Electrical parameters
51/71
Electro Magnetic Interference (EMI)
Based on a simple application running on the product (toggling 2 LEDs through the I/O
ports), the product is monitored in terms of emission. This emission test is in line with the
norm SAE J 1752/3 which specifies the board and the loading of each pin.
Absolute Maximum Ratings (Electrical Sensitivity)
Based on three different tests (ESD, LU and DLU) using specific measurement methods, the
product is stressed in order to determine its performance in terms of electrical sensitivity.
For more details, refer to the application note AN1181.
Electro-Static Discharge (ESD)
Electro-Static Discharges (a positive then a negative pulse separated by 1 second) are
applied to the pins of each sample according to each pin combination. The sample size
depends on the number of supply pins in the device (3 parts*(n+1) supply pin). Two models
can be simulated: Human Body Model and Machine Model. This test conforms to the
JESD22-A114A/A115A standard.
Table 28.
EMI characteristics
Symbo
l
Parameter
Conditions
Monitored
Frequency Band
Max vs. [fOSC4M/fHCLK]
Unit
4/32MHz
4/60MHz
SEMI
Peak level
Flash devices:
VDD_IO=3.3 V or 5 V,
TA=+25° C,
LQFP64 package
conforming to SAE J
1752/3
0.1 MHz to 30 MHz
22
26
dB
µV
30 MHz to 130 MHz
31
26
130 MHz to 1 GHz
19
23
SAE EMI Level
>4
>4
-
Table 29.
Absolute maximum ratings
Symbol
Ratings
Conditions
Maximum
value(1)
1.
Data based on product characterisation, not tested in production.
Unit
VESD(HBM)
Electro-static discharge voltage
(Human Body Model)
TA=+25° C
2000
V
VESD(MM)
Electro-static discharge voltage
(Machine Model)
200
VESD(CDM)
Electro-static discharge voltage
(Charge Device Model)
750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com