Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV0T6 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STR755FV0T6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV0T6 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STR755FV0T6 Datasheet HTML 45Page - STMicroelectronics STR755FV0T6 Datasheet HTML 46Page - STMicroelectronics STR755FV0T6 Datasheet HTML 47Page - STMicroelectronics STR755FV0T6 Datasheet HTML 48Page - STMicroelectronics STR755FV0T6 Datasheet HTML 49Page - STMicroelectronics STR755FV0T6 Datasheet HTML 50Page - STMicroelectronics STR755FV0T6 Datasheet HTML 51Page - STMicroelectronics STR755FV0T6 Datasheet HTML 52Page - STMicroelectronics STR755FV0T6 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
STR750F
Electrical parameters
49/71
3.3.6
Memory characteristics
Flash memory
Subject to general operating conditions for VDD_IO and V18, TA = -40 to 105 °C unless
otherwise specified.
Table 25.
Flash memory characteristics
Symbol
Parameter
Test Conditions
Value
Unit
Typ
Max(1)
1.
Data based on characterisation not tested in production
tPW
Word Program
35
µs
tPDW
Double Word Program
60
µs
tPB0
Bank 0 Program (256K)
Single Word programming of
a checker-board pattern
24.9(2)
2.
10K program/erase cycles.
s
tPB1
Bank 1 Program (16K)
Single Word programming of
a checker-board pattern
125
224(2)
ms
tES
Sector Erase (64K)
Not preprogrammed (all 1)
Preprogrammed (all 0)
1.54
1.176
2.94(2)
2.38(2)
s
tES
Sector Erase (8K)
Not preprogrammed (all 1)
Preprogrammed (all 0)
392
343
560(2)
532(2)
ms
tES
Bank 0 Erase (256K)
Not preprogrammed (all 1)
Preprogrammed (all 0)
8.0
6.6
13.7
11.2
s
tES
Bank 1 Erase (16K)
Not preprogrammed (all 1)
Preprogrammed (all 0)
0.9
0.8
1.5
1.3
s
tRPD
Recovery when disabled
20
µs
tPSL
Program Suspend Latency
10
µs
tESL
Erase Suspend Latency
300
µs
Table 26.
Flash memory endurance and data retention
Symbol
Parameter
Conditions
Value
Unit
Min(1)
1.
Data based on characterisation not tested in production.
Typ
Max
NEND_B0 Endurance (Bank 0 sectors)
10
kcycles
NEND_B1 Endurance (Bank 1 sectors)
100
kcycles
YRET
Data Retention
TA=85° C
20
Years
tESR
Erase Suspend Rate
Min time from Erase
Resume to next Erase
Suspend
20
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com