Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV0T6 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STR755FV0T6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV0T6 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STR755FV0T6 Datasheet HTML 17Page - STMicroelectronics STR755FV0T6 Datasheet HTML 18Page - STMicroelectronics STR755FV0T6 Datasheet HTML 19Page - STMicroelectronics STR755FV0T6 Datasheet HTML 20Page - STMicroelectronics STR755FV0T6 Datasheet HTML 21Page - STMicroelectronics STR755FV0T6 Datasheet HTML 22Page - STMicroelectronics STR755FV0T6 Datasheet HTML 23Page - STMicroelectronics STR755FV0T6 Datasheet HTML 24Page - STMicroelectronics STR755FV0T6 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
STR750F
Pin Description
21/71
Figure 4.
Required external capacitors when regulators are used
LQFP100
LQFP64
52
60
96
33 nF
53
10 µF
33 nF
54
55
1µF
61
V18
V18REG
V18
V18BKP
97
VSS18
VSSBKP
44
VDD_IO
1 µF
VSS18
VSS18
33
34
10 µF
35
36
1µF
V18REG
V18BKP
VSS18
VSSBKP
27
VDD_IO
1 µF
LFBGA100
G8
C4
33 nF
F8
10 µF
F9
G9
1µF
V18REG
V18
V18BKP
D4
VSS18
VSSBKP
J9
VDD_IO
1 µF
VSS18
LFBGA64
C4
33 nF
C5
V18
VSS18
F5
F6
10 µF
F7
E7
1µF
V18REG
V18BKP
VSS18
VSSBKP
G5
VDD_IO
1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com