Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV0T6 Datasheet(PDF) 70 Page - STMicroelectronics

Part # STR755FV0T6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV0T6 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STR755FV0T6 Datasheet HTML 65Page - STMicroelectronics STR755FV0T6 Datasheet HTML 66Page - STMicroelectronics STR755FV0T6 Datasheet HTML 67Page - STMicroelectronics STR755FV0T6 Datasheet HTML 68Page - STMicroelectronics STR755FV0T6 Datasheet HTML 69Page - STMicroelectronics STR755FV0T6 Datasheet HTML 70Page - STMicroelectronics STR755FV0T6 Datasheet HTML 71Page - STMicroelectronics STR755FV0T6 Datasheet HTML 72Page - STMicroelectronics STR755FV0T6 Datasheet HTML 73Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 70 / 73 page
background image
Package characteristics
STR750F
70/71
4.2
Thermal characteristics
The average chip-junction temperature, TJ must never exceed 125° C.
The average chip-junction temperature, TJ, in degrees Celsius, may be calculated using the
following equation:
TJ = TA + (PD x ΘJA)(1)
Where:
–TA is the Ambient Temperature in °C,
–
ΘJA is the Package Junction-to-Ambient Thermal Resistance, in ° C/W,
–PD is the sum of PINT and PI/O (PD = PINT + PI/O),
–PINT is the product of IDD and VDD, expressed in Watts. This is the Chip Internal
Power.
–PI/O represents the Power Dissipation on Input and Output Pins;
Most of the time for the applications PI/O< PINT and may be neglected. On the other hand,
PI/O may be significant if the device is configured to drive continuously external modules
and/or memories.
An approximate relationship between PD and TJ (if PI/O is neglected) is given by:
PD = K / (TJ + 273°C) (2)
Therefore (solving equations 1 and 2):
K = PD x (TA + 273°C) + ΘJA x PD
2(3)
where:
–
K is a constant for the particular part, which may be determined from equation (3)
by measuring PD (at equilibrium) for a known TA. Using this value of K, the values
of PD and TJ may be obtained by solving equations (1) and (2) iteratively for any
value of TA.
Table 43.
Thermal characteristics
Symbol
Parameter
Value
Unit
ΘJA
Thermal Resistance Junction-Ambient
LQFP 100 - 14 x 14 mm / 0.5 mm pitch
46
°C/W
ΘJA
Thermal Resistance Junction-Ambient
LQFP 64 - 10 x 10 mm / 0.5 mm pitch
45
°C/W
ΘJA
Thermal Resistance Junction-Ambient
LFBGA 64 - 8 x 8 x 1.7mm
58
°C/W
ΘJA
Thermal Resistance Junction-Ambient
LFBGA 100 - 10 x 10 x 1.7mm
41
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com