Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV0T6 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STR755FV0T6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV0T6 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STR755FV0T6 Datasheet HTML 18Page - STMicroelectronics STR755FV0T6 Datasheet HTML 19Page - STMicroelectronics STR755FV0T6 Datasheet HTML 20Page - STMicroelectronics STR755FV0T6 Datasheet HTML 21Page - STMicroelectronics STR755FV0T6 Datasheet HTML 22Page - STMicroelectronics STR755FV0T6 Datasheet HTML 23Page - STMicroelectronics STR755FV0T6 Datasheet HTML 24Page - STMicroelectronics STR755FV0T6 Datasheet HTML 25Page - STMicroelectronics STR755FV0T6 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 73 page
background image
Pin Description
STR750F
22/71
2.1
Memory map
Figure 5.
Memory map
Reserved
Addressable Memory Space
0
1
2
3
4
1K
5
6
7
0x1FFF FFFF
0x2000 0000
0x3FFF FFFF
0x4000 0000
0x5FFF FFFF
0x6000 0000
0x7FFF FFFF
0x8000 0000
0x9FFF FFFF
0xA000 0000
0xBFFF FFFF
0xC000 0000
0xDFFF FFFF
0xE000 0000
0xFFFF FFFF
0xFFFF 8000
0xFFFF 83FF
0xFFFF 8400
0xFFFF 87FF
0xFFFF 8800
0xFFFF 8BFF
0xFFFF 8C00
0xFFFF 8FFF
0xFFFF 9000
0xFFFF 93FF
0xFFFF 9400
0xFFFF 97FF
0xFFFF 9800
0xFFFF 9BFF
0xFFFF 9C00
0xFFFF 9FFF
0xFFFF A000
0xFFFF A3FF
0xFFFF A800
0xFFFF ABFF
0xFFFF AC00
0xFFFF AFFF
0xFFFF B000
0xFFFF C3FF
0xFFFF C400
0xFFFF C7FF
0xFFFF C800
0xFFFF CBFF
0xFFFF CC00
0xFFFF D000
1K
1K
1K
1K
1K
1K
1K
1K
1K
1K
1K
1K
0x6000 0047
0x0000 0000
Peripheral Memory Space
4 Gbytes
32 Kbytes
Boot Memory(1)
128K/256K
CONF + MRCC
1K
APB TO ARM7
BRIDGE
0xFFFF 8000
32K
Reserved
0xFFFF CFFF
Internal SRAM
16K
0x4000 3FFF
SMI Ext. Memory
0x83FF FFFF
4 x 16M
0xFFFF C000
0xFFFF D400
0xFFFF D3FF
0xFFFF D800
0xFFFF D7FF
0xFFFF DC00
0xFFFF DBFF
0xFFFF E000
0xFFFF DFFF
0xFFFF E400
0xFFFF E3FF
0xFFFF E800
0xFFFF E7FF
0xFFFF EC00
0xFFFF EBFF
1K
1K
1K
1K
1K
1K
1K
1K
1K
1K
1K
1K
ADC
TIM0
TIM1
TIM2
PWM
USB Registers
CAN
Reserved
I2C
Reserved
UART0
UART1
UART2
Reserved
RTC
EIC
0xFFFF F800
0xFFFF F7FF
0xFFFF F400
0xFFFF F3FF
0xFFFF F000
0xFFFF EFFF
0xFFFF B3FF
0xFFFF B400
0xFFFF B7FF
0xFFFF B800
1K
0xFFFF BBFF
GPIO I/O Ports
Reserved
DMA
WDG
Reserved
SSP0
SSP1
1K
0xFFFF BFFF
0xFFFF BC00
TB Timer
Reserved
FLASH Memory Space
128/256 Kbytes
B0F5
0x2000 1FFF
0x2000 0000
0x2000 2000
0x2000 3FFF
0x2000 4000
0x2000 5FFF
0x2000 6000
0x2000 7FFF
0x2000 8000
0x2000 FFFF
0x2001 0000
0x2001 FFFF
0x2010 0000
0x2010 0017
0x2010 C000
0x2010 DFFF
8K
8K
8K
8K
32K
24B
64K
B0F4
Flash registers
Internal Flash
128K/256K+16K+32B
B0F6(2)
0x2002 0000
0x2002 FFFF
64K
B0F7(2)
0x2003 0000
0x2003 FFFF
64K
Reserved
0xFFFF A200
EXTIT
0x2010 0017
B0F3
B0F2
B0F1
B0F0
1K
1K
1K
0xFFFF A400
0xFFFF A7FF
1K
(1) In internal Flash Boot Mode, internal FLASH is aliased at 0x0000 0000h
(2) Only available in STR750Fx2
8K
SystemMemory
0x200C 0000
0x200C 1FFF
8K
B1F1
0x200C 2000
8K
USB RAM 256 x16-bit
Reserved
Reserved
0x9000 0000
0x9000 0013
SMI Registers
20B
B1F0
0x200C 3FFF
0x200C 4000
0xFFFF FFFF
0xFFFF FC00
0xFFFF FBFF
1K
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com