Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV0T6 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STR755FV0T6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV0T6 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STR755FV0T6 Datasheet HTML 40Page - STMicroelectronics STR755FV0T6 Datasheet HTML 41Page - STMicroelectronics STR755FV0T6 Datasheet HTML 42Page - STMicroelectronics STR755FV0T6 Datasheet HTML 43Page - STMicroelectronics STR755FV0T6 Datasheet HTML 44Page - STMicroelectronics STR755FV0T6 Datasheet HTML 45Page - STMicroelectronics STR755FV0T6 Datasheet HTML 46Page - STMicroelectronics STR755FV0T6 Datasheet HTML 47Page - STMicroelectronics STR755FV0T6 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 73 page
background image
Electrical parameters
STR750F
44/71
XRTC1 external Clock source
Subject to general operating conditions for VDD_IO, and TA.
Figure 20.
Typical application with an external Clock source
Table 20.
XRTC1 external Clock source
Symbol
Parameter
Conditions(1)
1.
Data based on typical application software.
Min
Typ
Max
Unit
fXRTC1
External clock source
frequency
see Figure 20
32.768
500
kHz
VXRTC1H
XRTC1 input pin high
level voltage
0.7xVDD_IO
VDD_IO
V
VXRTC1L
XRTC1 input pin low level
voltage
VSS
0.3xVDD_IO
tw(XRTC1H)
tw(XRTC1L)
XRTC1 high or low time(2)
2.
Data based on design simulation and/or technology characteristics, not tested in production.
990
ns
tr(XRTC1)
tf(XRTC1)
XRTC1 rise or fall time(2)
5
IL
XRTCx Input leakage
current
VSS≤VIN≤VDD_I
O
±1
µA
XT1
XT2
fOSC4M
EXTERNAL
STR750
CLOCK SOURCE
VXT1L
VXT1H
tr(XT1)
tf(XT1)
tw(XT1H)
tw(XT1L)
IL
90%
10%
TXT1
hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com