Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV0T6 Datasheet(PDF) 63 Page - STMicroelectronics

Part # STR755FV0T6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV0T6 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STR755FV0T6 Datasheet HTML 59Page - STMicroelectronics STR755FV0T6 Datasheet HTML 60Page - STMicroelectronics STR755FV0T6 Datasheet HTML 61Page - STMicroelectronics STR755FV0T6 Datasheet HTML 62Page - STMicroelectronics STR755FV0T6 Datasheet HTML 63Page - STMicroelectronics STR755FV0T6 Datasheet HTML 64Page - STMicroelectronics STR755FV0T6 Datasheet HTML 65Page - STMicroelectronics STR755FV0T6 Datasheet HTML 66Page - STMicroelectronics STR755FV0T6 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 73 page
background image
STR750F
Electrical parameters
63/71
3.3.11
USB characteristics
The USB interface is USB-IF certified (Low Speed and High Speed).
Figure 29.
USB: data signal rise and fall time
Table 38.
USB characteristics
USB DC Electrical Characteristics
Symbol
Parameter
Conditions
Min.(1)(2)
1.
All the voltages are measured from the local ground potential.
2.
It is important to be aware that the DP/DM pins are not 5 V tolerant. As a consequence, in case of a a
shortcut with Vbus (typ: 5.0V), the protection diodes of the DP/DM pins will be direct biased . This will not
damage the device if not more than 50 mA is sunk for longer than 24 hours but the reliability may be
affected.
Max.(1)(2) Unit
Input Levels
VDI
Differential Input Sensitivity
I(DP, DM)
0.2
V
VCM
Differential Common Mode
Range
Includes VDI range
0.8
2.5
VSE
Single Ended Receiver
Threshold
1.3
2.0
Output Levels
VOL
Static Output Level Low
RL of 1.5 kΩ to 3.6V
(3)
3.
RL is the load connected on the USB drivers
0.3
V
VOH
Static Output Level High
RL of 15 kΩ to VSS
(3)
2.8
3.6
Table 39.
USB: Full speed electrical characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
Driver characteristics:
tr
Rise time(1)
1.
Measured from 10% to 90% of the data signal. For more detailed informations, please refer to USB
Specification - Chapter 7 (version 2.0).
CL=50 pF
420
ns
tf
Fall Time1)
CL=50 pF
4
20
ns
trfm
Rise/ Fall Time matching
tr/tf
90
110
%
VCRS
Output signal Crossover Voltage
1.3
2.0
V
Differential
Data Lines
VSS
tf
tr
Crossover
points
VCRS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com