Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV0T6 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STR755FV0T6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV0T6 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STR755FV0T6 Datasheet HTML 15Page - STMicroelectronics STR755FV0T6 Datasheet HTML 16Page - STMicroelectronics STR755FV0T6 Datasheet HTML 17Page - STMicroelectronics STR755FV0T6 Datasheet HTML 18Page - STMicroelectronics STR755FV0T6 Datasheet HTML 19Page - STMicroelectronics STR755FV0T6 Datasheet HTML 20Page - STMicroelectronics STR755FV0T6 Datasheet HTML 21Page - STMicroelectronics STR755FV0T6 Datasheet HTML 22Page - STMicroelectronics STR755FV0T6 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 73 page
background image
STR750F
Pin Description
19/71
71
C9
P2.11
I/O
TT
X
XO2
X
X
Port 2.11
72
B10
P2.10
I/O
TT
X
XO2
X
X
Port 2.10
73
C8
46
D7
VSSA_ADC
S
Ground Voltage for A/D converter
74
C7
47
C7
VSS_IO
S
Ground Voltage for digital I/Os
75
E8
48
D5
VREG_DIS
I
TT
Voltage Regulator Disable input
76
A9
49
A8
P0.07 /
SMI_DOUT /
SSP0_MOSI
I/O
TT
X
XEIT2
O4
X
X
Port 0.07
Serial Memory
Interface: data
output
SSP0: Master out
Slave in data
77
A8
50
A7
P0.06 / SMI_DIN
/ SSP0_MISO
I/O
TT
X
XO4
X
X
Port 0.06
Serial Memory
Interface: data
input
SSP0: Master in
Slave out data
78
A7
51
A6
P0.05 /
SSP0_SCLK /
SMI_CK
I/O
TT
X
XEIT1
O4
X
X
Port 0.05
SSP0: Serial
clock
Serial Memory
Interface: Serial
clock output
79
B7
52
B6
P0.04 / SMI_CS0
/ SSP0_NSS
I/O
TT
X
XO4
X
X
Port 0.04
Serial Memory
Interface: chip
select output 0
SSP0: Slave
select input
80
C5
53
B7
P1.10
PWM_EMERGE
NCY
I/O
TT
X
XEIT10
O2
X
X
Port 1.10
PWM: Emergency input
81
B6
54
B5
P1.09 / PWM1
I/O
TT
X
XEIT9
O4
X
X
Port 1.09
PWM: PWM1 output
82
C6
P2.09 / PWM1N
I/O
TT
X
XO2
X
X
Port 2.09
PWM: PWM1 complementary
output(2)
83
G7
P2.08 / PWM2
I/O
TT
X
XO2
X
X
Port 2.08
PWM: PWM2 output(2)
84
G6
P2.07 / PWM2N
I/O
TT
X
XO2
X
X
Port 2.07
PWM: PWM2 complementary
output(2)
85
F7
P2.06 / PWM3
I/O
TT
X
XO2
X
X
Port 2.06
PWM: PWM3 output(2)
86
F6
P2.05 / PWM3N
I/O
TT
X
XO2
X
X
Port 2.05
PWM: PWM3 complementary
output(2)
87
A6
55
A5
P1.08 / PWM1N /
ADC_IN11
I/O
TT
X
XO4
X
X
Port 1.08
PWM: PWM1
complementary
output(6)
ADC: analog
input 11
88
B5
56
B4
P1.07 / PWM2
I/O
TT
X
XEIT8
O4
X
X
Port 1.07
PWM: PWM2 output(2)
89
A5
57
A4
P1.06 / PWM2N /
ADC_IN10
I/O
TT
X
XO4
X
X
Port 1.06
PWM: PWM2
complementary
output(2)
ADC: analog
input 10
90
B4
58
B3
P1.05 / PWM3
I/O
TT
X
XEIT7
O4
X
X
Port 1.05
PWM: PWM3 output(2)
91
A4
59
A3
P1.04 / PWM3N /
ADC_IN9
I/O
TT
X
XO4
X
X
Port 1.04
PWM: PWM3
complementary
output(2)
ADC: analog
input 9
92
A3
P1.14 /
ADC_IN15
I/O
TT
X
XO8
X
X
Port 1.14
ADC: analog input 15
93
A2
P1.13 /
ADC_IN14
I/O
TT
X
XEIT13
O8
X
X
Port 1.13
ADC: analog input 14
Table 5.
STR750F pin description (continued)
Pin n°
Pin Name
Input
Output
Main
function
(after
reset)
Alternate function
OD
(1)
PP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com