Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV0T6 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STR755FV0T6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV0T6 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STR755FV0T6 Datasheet HTML 37Page - STMicroelectronics STR755FV0T6 Datasheet HTML 38Page - STMicroelectronics STR755FV0T6 Datasheet HTML 39Page - STMicroelectronics STR755FV0T6 Datasheet HTML 40Page - STMicroelectronics STR755FV0T6 Datasheet HTML 41Page - STMicroelectronics STR755FV0T6 Datasheet HTML 42Page - STMicroelectronics STR755FV0T6 Datasheet HTML 43Page - STMicroelectronics STR755FV0T6 Datasheet HTML 44Page - STMicroelectronics STR755FV0T6 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 73 page
background image
STR750F
Electrical parameters
41/71
Supply and Clock manager power consumption
Table 17.
Supply and Clock manager
power consumption
Symbol
Parameter
Conditions(1)
3.3V
Typ
5V
Typ
Unit
IDD(OSC4M)
Supply current of resonator oscillator
in STOP or WFI mode (LP_PARAM
bit: OSC4M ON)
External components specified in:
4/8 MHz Crystal / Ceramic
Resonator Oscillator (XT1/XT2) on
page 45
1815
1795
µA
IDD(FLASH)
FLASH static current consumption in
STOP or WFI mode (LP_PARAM bit
FLASH ON)
515
515
IDD(MVREG)
Main Voltage Regulator static current
consumption in STOP mode
(LP_PARAM bit: MVREG ON)
130
135
IDD(LPVREG)
Low Power Voltage Regulator + RSM
current static current consumption
STOP mode includes leakage
where V18 is internally set to 1.4 V
12
15
STANDBY mode where
V18BKP and V18 are internally set to
1.4 V and 0 V respectively
11
14
1.
Measurements performed in 3.3V single supply mode see Figure 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com