Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV0T6 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STR755FV0T6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV0T6 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STR755FV0T6 Datasheet HTML 34Page - STMicroelectronics STR755FV0T6 Datasheet HTML 35Page - STMicroelectronics STR755FV0T6 Datasheet HTML 36Page - STMicroelectronics STR755FV0T6 Datasheet HTML 37Page - STMicroelectronics STR755FV0T6 Datasheet HTML 38Page - STMicroelectronics STR755FV0T6 Datasheet HTML 39Page - STMicroelectronics STR755FV0T6 Datasheet HTML 40Page - STMicroelectronics STR755FV0T6 Datasheet HTML 41Page - STMicroelectronics STR755FV0T6 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 73 page
background image
Electrical parameters
STR750F
38/71
Typical power consumption
The following measurement conditions apply to Table 14, Table 15 and Table 16.
In RUN mode:
●
Program is executed from Flash (except if especially mentioned). The program consists
of an infinite loop. When fHCLK > 32 MHz, burst mode is activated.
●
A standard 4 MHz crystal source is used.
●
In all cases the PLL is used to multiply the frequency.
●
All measurements are done in the single supply scheme with internal regulators used
(see Figure 12)
In WFI Mode:
●
In WFI Mode the measurement conditions are similar to RUN mode (OSC4M and PLL
enabled). In addition, the Flash can be disabled depending on burst mode activation:
–
For AHB frequencies greater than 32 MHz, burst mode is activated and the Flash
is kept enabled by setting the WFI_FLASH_EN bit (this bit cannot be reset when
burst mode is activated).
–
For AHB frequencies less than or equal to 32 MHz, burst mode is deactivated,
WFI_FLASH_EN is reset and the LP_PARAM14 bit is set (Flash is disabled in WFI
mode).
In SLOW mode:
●
The same program as in RUN mode is executed from Flash. The CPU is clocked by the
FREEOSC, OSC4M, LPOSC or OSC32K. Only EXTIT peripheral is enabled in the
MRCC_PCLKEN register.
In SLOW-WFI mode:
●
In SLOW-WFI, the measurement conditions are similar to SLOW mode (CPU clocked
by a low frequency clock). In addition, the LP_PARAM14 bit is set (FLASH is OFF). The
WFI routine itself is executed from SRAM (it is not allowed to execute a WFI from the
internal FLASH)
In STOP mode:
●
Several measurements are given: in the single supply scheme with internal regulators
used (see Figure 12): and in the dual supply scheme (see Figure 13).
In STANDBY mode:
●
Three measurements are given:
–
The RTC is disabled, only the consumption of the LPVREG and RSM remain
(almost no leakage currents)
–
The RTC is running, clocked by a standard 32.768 kHz crystal.
–
The RTC is running, clocked by the internal Low Power RC oscillator (LPOSC)
●
STANDBY mode is only supported in the single supply scheme (see Figure 12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com