Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV0T6 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STR755FV0T6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV0T6 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STR755FV0T6 Datasheet HTML 42Page - STMicroelectronics STR755FV0T6 Datasheet HTML 43Page - STMicroelectronics STR755FV0T6 Datasheet HTML 44Page - STMicroelectronics STR755FV0T6 Datasheet HTML 45Page - STMicroelectronics STR755FV0T6 Datasheet HTML 46Page - STMicroelectronics STR755FV0T6 Datasheet HTML 47Page - STMicroelectronics STR755FV0T6 Datasheet HTML 48Page - STMicroelectronics STR755FV0T6 Datasheet HTML 49Page - STMicroelectronics STR755FV0T6 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 73 page
background image
Electrical parameters
STR750F
46/71
OSC32K crystal / ceramic resonator oscillator
The STR7 RTC clock can be supplied with a 32.768 kHz Crystal/Ceramic resonator
oscillator. All the information given in this paragraph are based on product characterisation
with specified typical external components. In the application, the resonator and the load
capacitors have to be placed as close as possible to the oscillator pins in order to minimize
output distortion and start-up stabilization time. Refer to the crystal/ceramic resonator
manufacturer for more details (frequency, package, accuracy...).
Figure 22.
Typical application with a 32.768 kHz crystal or ceramic resonator
PLL Characteristics
PLL Jitter Terminology
●
Self-referred single period jitter (period jitter)
Period Jitter is defined as the difference of the maximum period (Tmax) and minimum
period (Tmin) at the output of the PLL where Tmax is the maximum time difference
between 2 consecutive clock rising edges and Tmin is the minimum time difference
between 2 consecutive clock rising edges.
See Figure 23
●
Self-referred long term jitter (N period jitter)
Self-referred long term Jitter is defined as the difference of the maximum period (Tmax)
and minimum period (Tmin) at the output of the PLL where Tmax is the maximum time
Table 22.
OSC32K crystal / ceramic resonator oscillator
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fOSC32K
Oscillator Frequency
32.768
kHz
RF
Feedback resistor
VDD_IO=3.3 V
270
310
370
k
Ω
VDD_IO=5.0 V
TBD
TBD
TBD
CL1
CL2
Recommended load capacitance
versus equivalent serial resistance of
the crystal or ceramic resonator (RS)
(1)
RS=TBD
TBD
TBD
pF
i2
XT2 driving current
VDD_IO=3.3 V or 5.0 V
VIN=VSS
160
250
µA
tSU(OSC32K)
(2)
startup time
VDD_IO is stabilized
2.5
s
1.
The oscillator selection can be optimized in terms of supply current using an high quality resonator with small RS value.
Refer to crystal/ceramic resonator manufacturer for more details
2.
tSU(OSC32K) is the start-up time measured from the moment it is enabled (by software) to a stabilized 32 kHz oscillation is
reached. This value is measured for a standard crystal resonator and it can vary significantly with the crystal/ceramic
resonator manufacturer
XRTC2
XRTC1
fOSC32K
CL1
CL2
i2
RF
STR750
32 kHz
WHEN RESONATOR WITH
INTEGRATED CAPACITORS
RESONATOR
FEEDBACK
LOOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com