Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5604 Datasheet(PDF) 23 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5604
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5604 Datasheet(HTML) 23 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5604 Datasheet HTML 19Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 20Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 21Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 22Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 23Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 24Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 25Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 26Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 27Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 377 page
background image
D (1390mil)
E1
A
L
e
COMMON DIMENSIONS
(UNITS OF MEASURE = INCH)
SYMBOL
MIN
NOM
MAX
A
-
-
0.210
A1
0.015
-
-
A2
0.125
0.130
0.135
b
-
0.018
-
b1
-
0.060
-
D
1.385
1.390
1.40
E
-
0.310
-
E1
0.283
0.288
0.293
e
-
0.100
-
L
0.115
0.130
0.150
θ0
07
15
eA
0.330
0.350
0.370
UNIT: INCH
1inch = 1000mil
b1
b
A1
28-Pin Plastic Dual-In-line Package (SKDIP-28)
Dimensions in Inches and Millmeters
A2
100mil
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com