Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5604 Datasheet(PDF) 80 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5604
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5604 Datasheet(HTML) 80 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5604 Datasheet HTML 76Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 77Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 78Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 79Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 80Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 81Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 82Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 83Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 84Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 377 page
background image
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
SEG8
COM1
COM2
COM3
COM4
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
SEG8
COM1
COM2
COM3
COM4
SEG1
I/O
SEG2
I/O
SEG3
I/O
SEG4
I/O
SEG5
I/O
SEG6
I/O
SEG7
I/O
SEG8
I/O
COM1
I/O
I/O
I/O
I/O
LCD4X8
COM2
COM3
COM4
COM1
R1
100K
Ω
R2
100K
Ω
R3
100K
Ω
R4
100K
Ω
R5
100K
Ω
R6
100K
Ω
R7
100K
Ω
R8
100K
Ω
VCC
COM2
COM3
COM4
How to light on the LCD pixels:
When the pixels corresponding COM-side and SEG-side voltage difference is greater than 1/2VCC, this
pixel is lit, otherwise off
Contrl SEG-side (Segment) :
I/O direct drive Segment lines, control Segment output high-level (VCC) or low-level (0V).
Contrl COM-side (Common) :
I/O port and two 100K dividing resistors jointly controlled Common line, when the IO output "0", the
Common-line is low level (0V), when the IO push-pull output "1", the Common line is high level (VCC),
when IO as high-impedance input, the Common line is 1/2VCC.
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
SEG8
COM1
COM2
COM3
COM4
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
SEG8
COM1
COM2
COM3
COM4
SEG1
I/O
SEG2
I/O
SEG3
I/O
SEG4
I/O
SEG5
I/O
SEG6
I/O
SEG7
I/O
SEG8
I/O
COM1
I/O
I/O
I/O
I/O
LCD4X8
COM2
COM3
COM4
COM1
R1
100K
Ω
R2
100K
Ω
R3
100K
Ω
R4
100K
Ω
R5
100K
Ω
R6
100K
Ω
R7
100K
Ω
R8
100K
Ω
VCC
COM2
COM3
COM4
Before MCU enter Power_Down
mode, the I/O output high level,
then Common side will have no
leakage current
I/O control
4.10 I/O immediately drive LCD application circuit
1/2 BIAS
1/2 BIAS
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com