Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5604 Datasheet(PDF) 70 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5604
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5604 Datasheet(HTML) 70 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5604 Datasheet HTML 66Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 67Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 68Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 69Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 70Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 71Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 72Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 73Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 74Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 377 page
background image
PSW register
SFR name Address
bit
B7
B6
B5
B4
B3
B2
B1
B0
PSW
D0H
name
CY
AC
F0
RS1
RS0
OV
F1
P
CY : Carry flag.
This bit is set when the last arithmetic operation resulted in a carry (addition) or a borrow
(subtrac-tion). It is cleared to logic 0 by all other arithmetic operations.
AC : Auxilliary Carry Flag.(For BCD operations)
This bit is set when the last arithmetic operation resulted in a carry into (addition) or a borrow
from (subtraction) the high order nibble. It is cleared to logic 0 by all other arithmetic operations
F0 : Flag 0.(Available to the user for general purposes)
RS1: Register bank select control bit 1.
RS0: Register bank select control bit 0.
[RS1 RS0] select which register bank is used during register accesses
RS1
RS0
Working Register Bank
(R0~R7) and Address
0
0
Bank 0(00H~07H)
0
1
Bank 1(08H~0FH)
1
0
Bank 2(10H~17H)
1
1
Bank 3(18H~1FH)
OV : Overflow flag.
This bit is set to 1 under the following circumstances:
• An ADD, ADDC, or SUBB instruction causes a sign-change overflow.
• A MUL instruction results in an overflow (result is greater than 255).
• A DIV instruction causes a divide-by-zero condition.
The OV bit is cleared to 0 by the ADD, ADDC, SUBB, MUL, and DIV instructions in all other
cases.
F1 : Flag 1. User-defined flag.
P
: Parity flag.
This bit is set to logic 1 if the sum of the eight bits in the accumulator is odd and cleared if the
sum is even.
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com