Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5604 Datasheet(PDF) 38 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5604
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5604 Datasheet(HTML) 38 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5604 Datasheet HTML 34Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 35Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 36Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 37Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 38Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 39Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 40Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 41Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 42Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 377 page
background image
2.2 Power Management Modes
PCON register (Power Control Register)
SFR name Address
bit
B7
B6
B5
B4
B3
B2
B1
B0
PCON
87H
name
SMOD SMOD0 LVDF
POF
GF1
GF0
PD
IDL
SMOD : Double baud rate of UART interface
0
Keep normal baud rate when the UART is used in mode 1,2 or 3.
1
Double baud rate bit when the UART is used in mode 1,2 or 3.
SMOD0 : SM0/FE bit select for SCON.7; setting this bit will set SCON.7 as Frame Error function. Clearing it to
set SCON.7 as one bit of UART mode selection bits.
LVDF
: Pin Low-Voltage Flag. Once low voltage condition is detected (VCC power is lower than LVD
voltage), it is set by hardware (and should be cleared by software).
POF
: Power-On flag. It is set by power-off-on action and can only cleared by software.
Practical application: if it is wanted to know which reset the MCU is used, see the following figure.
In initializtion program,
judge whether POF/PCON.4
have been set or not
POF=1,
Yes
cold boot
Power-On Reset
Clear POF/PCON.4
POF=0, No
external manual reset
or WDT reset
or software reset
or others
The STC12C5620AD core has three software programmable power management mode: slow-down, idle
and stop/power-down mode. The power
consumption of STC12C5620AD series is about 2.7mA~7mA in
normal operation, while it is lower than 0.1uA in stop/power-down mode and 1.8mA in idle mode.
Slow-down mode is controlled by clock divider register(CLK_DIV). Idle and stop/power-down is managed
by the corresponding bit in Power control (PCON) register which is shown in below.
GF1,GF0: General-purposed flag 1 and 0
PD
:
Stop Mode/Power-Down Select bit..
Setting this bit will place the STC12C5620AD MCU in Stop/Power-Down mode. Stop/Power-Down
mode can be waked up by external interrupt. Because the MCU’ s internal oscillator stopped in Stop/
Power-Down mode, CPU, Timers, UARTs and so on stop to run, only external interrupt go on to work.
The following pins can wake up MCU from Stop/Power-Down mode: INT0/P3.2, INT1/P3.3, T0/P3.4,
T1/P3.5, RxD/P3.0, PCA0/PWM0/P3.7, PCA1/PWM1/P3.5, PCA2/PWM2/P2.0, PCA3/PWM3/P2.4.
IDL
: Idle mode select bit.
Setting this bit will place the STC12C5620AD in Idle mode. only CPU goes into Idle mode. (Shuts off clock to
CPU, but clock to Timers, Interrupts, Serial Ports, and Analog Peripherals are still active.) The following pins
can wake up MCU from Idle mode: INT0/P3.2, INT1/P3.3, T0/P3.4, T1/P3.5, RxD/P3.0. Besides, Timer0 and
Timer1 and UARTs interrupt also can wake up MCU from idle mode
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com