Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5604 Datasheet(PDF) 89 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5604
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5604 Datasheet(HTML) 89 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5604 Datasheet HTML 85Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 86Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 87Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 88Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 89Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 90Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 91Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 92Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 93Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 377 page
background image
ADD A,Rn
Bytes:
1
Cycles:
1
Encoding:
0 0 1 0
1 r r r
Operation:
ADD
(A)←(A) + (Rn)
←(A) + (Rn)
(A) + (Rn)
ADD A,direct
Bytes:
2
Cycles:
1
Encoding:
0 0 1 0
0 1 0 1
direct address
Operation:
ADD
(A)←(A) + (direct)
←(A) + (direct)
(A) + (direct)
ADD A,@Ri
Bytes:
1
Cycles:
1
Encoding:
0 0 1 0
0 1 1 i
Operation:
ADD
(A)←(A) + ((Ri))
←(A) + ((Ri))
(A) + ((Ri))
ADD A,#data
Bytes:
2
Cycles:
1
Encoding:
0 0 1 0
0 1 0 0
immediate data
Operation:
ADD
(A)←(A) + #data
←(A) + #data
(A) + #data
ADDC A,<src-byte>
Function:
Add with Carry
Description:
ADDC simultaneously adds the byte variable indicated, the Carry flag and the Accumulator,
leaving the result in the Accumulator. The carry and auxiliary-carry flags are set, respectively,
if there is a carry-out from bit 7 or bit 3, and cleared otherwise. When adding unsigned
integers, the carry flag indicates an overflow occured.
OV is set if there is a carry-out of bit 6 but not out of bit 7, or a carry-out of bit 7 but not
out of bit 6; otherwise OV is cleared. When adding signed integers, OV indicates a negative
number produced as the sum of two positive operands or a positive sum from two negative
operands.
Four source operand addressing modes are allowed: register, direct, register-indirect, or
immediate.
Example:
The Accumulator holds 0C3H(11000011B) and register 0 holds 0AAH (10101010B) with the
Carry. The instruction,
ADDC A,R0
will leave 6EH (01101101B) in the Accumulator with the AC flag cleared and both the carry
flag and OV set to 1.
89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com