Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5604 Datasheet(PDF) 67 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5604
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5604 Datasheet(HTML) 67 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5604 Datasheet HTML 63Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 64Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 65Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 66Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 67Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 68Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 69Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 70Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 71Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 377 page
background image
Symbol
Description
Address
Bit Address and Symbol
MSB
LSB
Value after
Power-on or
Reset
SADEN
Slave Address Mask
B9H
0000 0000B
ADC_CONTR
ADC Control
C5H
ADC_POWER SPEED1 SPEED0 ADC_FLAG ADC_START CHS2 CHS1
CHIS0
0000 0000B
ADC_DATA
ADC Result High
C6H
0000 0000B
ADC_LOW2
ADC Result Low
BEH
0000 0000B
CLK_DIV
Clock Divder
C7h
-
-
-
-
-
CLKS2 CLKS1
CLKS0
xxxx x000B
PSW
Program Status
Word
D0H
CY
AC
F0
RS1
RS0
OV
F1
P
0000 0000B
CCON
PCA Control
Register
D8H
CF
CR
-
-
CCF3 CCF2 CCF1
CCF0
00xx 0000B
CMOD
PCA Mode Register
D9H
CIDL
----
CPS1
CPS0
ECF
00xx 0000B
CCAPM0
PCA Module 0
Mode Register
DAH
-
ECOM0 CAPP0 CAPN0 MAT0 TOG0 PWM0 ECCF0 x000 0000B
CCAPM1
PCA Module 1
Mode Register
DBH
-
ECOM1 CAPP1 CAPN1 MAT1 TOG1 PWM1 ECCF1 x000 0000B
CCAPM2
PCA Module 2
Mode Register
DCH
-
ECOM2 CAPP2 CAPN2 MAT2 TOG2 PWM2 ECCF2
x000 0000B
CCAPM3
PCA Module 3
Mode Register
DDH
-
ECOM3 CAPP3 CAPN3 MAT3 TOG3 PWM3 ECCF3
x000 0000B
ACC
Accumulator
E0H
0000 0000B
WDT_CONTR
Watch-Dog-Timer
Control Register
E1H
WDT_FLAG
- EN_WDT CLR_WDT IDLE_WDT PS2 PS1 PS0 xx00 0000B
ISP_DATA
ISP/IAP Flash Data
Register
E2H
1111 1111B
ISP_ADDRH
ISP/IAP Flash
Address High
E3H
0000 0000B
ISP_ADDRL
ISP/IAP Flash
Address Low
E4H
0000 0000B
ISP_CMD
ISP/IAP Flash
Command Register
E5H
------
MS1
MS0
xxxx x000B
ISP_TRIG
ISP/IAP Flash
Command Trigger
E6H
xxxx xxxxB
ISP_CONTR
ISP/IAP Control
Register
E7H
IAPEN SWBS SWRST CMD_FAIL -
WT2 WT1
WT0
0000 x000B
CL
PCA Base Timer
Low
E9H
0000 0000B
CCAP0L
PCA module 0
capture register low
EAH
0000 0000B
CCAP1L
PCA module 1
capture register low
EBH
0000 0000B
CCAP2L
PCA Module-2
capture register Low
ECH
0000 0000B
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com